Selected language     English  ▼


SM7745HS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. SM7745HS
Description  CMOS COMPATIBLE WITH TRI-STATE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Telephone: (425) 776-1880, Fax: (425) 776-2760, e-mail: ple-sales@pletronics.com
O9A
SM7700H SERIES
n
n CMOS COMPATIBLE WITH TRI
−STATE OUTPUT
n
n SURFACE MOUNT OSCILLATORS IN CERAMIC PACKAGE (7x5x1.9 mm)
STANDARD SPECIFICATIONS:
Frequency Range
1.500 MHz – 69.999 MHz
(Consult factory for specific available frequencies)
Frequency Stability over Operating
Temperature Range
± 50 PPM is standard, but ± 25 PPM is also available for
certain frequencies.
Operating Temperature Range
0 - 70
°C is standard, but can be extended to −40 to +85°C for
certain frequencies
1.500 MHz – 30.000 MHz
30.001 MHz – 69.999 MHz
SM7700HY
SM7700HY
SM7700HV
Operable Supply Voltage (Vcc)
5 Volt
± 10% or 3.3 Volt ± 10%
5 Volt
± 10% only
3.3 Volt
± 10% only
Symmetry (Duty Cycle)
(See next page for definition.)
40/60 - 60/40% is standard, but 45/55% symmetry at 50% of Vcc
is also available.
Input Current (Icc) & Rise & Fall Time
(Tr & Tf) & Jitter
Depends on frequency and output load. See next page.
Logic “1” & Logic “0” (See next page)
90% of Vcc MIN.; 10% of Vcc MAX.
Output Load
15 pF is standard. Contact factory for heavier loads.
Tri-state Output
Normal output when pin #1 is open (no connection);
Normal output when pin #1 is at logic “1”;
High-Impedance Output when pin #1 is at logic “0”.
Packaging (see page R1, Figure 4)
16 mm tape, 178 mm, 254 mm or 330 mm reel: 1000 parts per reel.
For quantities <250: 100 parts per tray
PART NUMBERING GUIDE:
n
n The Pletronics part number for an SM7700H series oscillator consists of the following 3 elements:
1.
Overall Frequency Stability over Operating Temperature Range:
SM7745H:
± 50 PPM;
SM7744H:
± 25 PPM
2.
Optional Alphabet Designator for Special Requirement:
SM7745HY: standard specifications;
SM7745HE: operating temperature range of -40 to +85
°C;
SM7745HS: 45/55% symmetry at 50% of Vcc (CMOS);
SM7745HV: operates at Vcc = 3.3V (only needed for over 30.000MHz)
(There are other alphabet designators not listed here.)
3.
Frequency of Operation in MHz
EXAMPLES: SM7745HV-50.000 MHz; SM7745HE-10.000 MHz; SM7744HY-50.000 MHz
n
n When customer’s requirements are non-standard, a special engineering part number will be assigned.
(continued)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM1100CCMOS COMPATIBLE WITH TRI-STATE OUTPUT 1 2 List of Unclassifed Manufacturers
LP38691-ADJ500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors 1 2 3 4 5 MoreNational Semiconductor (TI)
74LCX16245LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
TLV341LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN 1 2 3 4 5 MoreTexas Instruments
IDT6198SCMOS STATIC RAM 64K 16K x 4-BIT with Output Control 1 2 3 4 5 MoreIntegrated Device Technology
GLT44016256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TC107350mA and 100mA CMOS LDOs with Shutdown ERROR Output and VREF Bypass 1 2 3 4 5 MoreMicrochip Technology
74LCXHR162245LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
TC205450mA 100mA and 150mA CMOS LDOs with Shutdown and Error Output 1 2 3 4 5 MoreMicrochip Technology
UPD71083CMOS 8-bit transparent latches with three output buffers 1 2 3 4 NEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl