Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY27H512-55JC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY27H512-55JC
Description  64K x 8 High-Speed CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27H512-55JC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY27H512-55JC Datasheet HTML 3Page - Cypress Semiconductor CY27H512-55JC Datasheet HTML 4Page - Cypress Semiconductor CY27H512-55JC Datasheet HTML 5Page - Cypress Semiconductor CY27H512-55JC Datasheet HTML 6Page - Cypress Semiconductor CY27H512-55JC Datasheet HTML 7Page - Cypress Semiconductor CY27H512-55JC Datasheet HTML 8Page - Cypress Semiconductor CY27H512-55JC Datasheet HTML 9Page - Cypress Semiconductor CY27H512-55JC Datasheet HTML 10Page - Cypress Semiconductor CY27H512-55JC Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CY27H512
PRELIMINARY
7
Ordering Information[10]
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
25
CY27H512-25HC
H65
32Pin Windowed Leaded Chip Carrier
Commercial
CY27H512-25JC
J65
32Lead Plastic Leaded Chip Carrier
CY27H512-25ZC
Z28
28Lead Thin Small Outline Package
30
CY27H512-30HC
H65
32Pin Windowed Leaded Chip Carrier
Commercial
CY27H512-30JC
J65
32Lead Plastic Leaded Chip Carrier
CY27H512-30PC
P15
28Lead (600Mil) Molded DIP
CY27H512-30WC
W16
28Lead (600Mil) Windowed CerDIP
CY27H512-30ZC
Z28
28Lead Thin Small Outline Package
35
CY27H512-35HC
H65
32Pin Windowed Leaded Chip Carrier
Commercial
CY27H512-35JC
J65
32Lead Plastic Leaded Chip Carrier
CY27H512-35PC
P15
28Lead (600Mil) Molded DIP
CY27H512-35WC
W16
28Lead (600Mil) Windowed CerDIP
CY27H512-35ZC
Z28
28Lead Thin Small Outline Package
CY27H512-35HMB
H65
32Pin Windowed Leaded Chip Carrier
Military
CY27H512-35LMB
L55
32Pin Rectangular Leadless Chip Carrier
CY27H512-35QMB
Q55
32Pin Windowed Rectangular Leadless Chip Carrier
45
CY27H512-45HC
H65
32Pin Windowed Leaded Chip Carrier
Commercial
CY27H512-45JC
J65
32Lead Plastic Leaded Chip Carrier
CY27H512-45PC
P15
28Lead (600Mil) Molded DIP
CY27H512-45WC
W16
28Lead (600Mil) Windowed CerDIP
CY27H512-45ZC
Z28
28Lead Thin Small Outline Package
CY27H512-45DMB
D16
28Lead (600Mil) CerDIP
Military
CY27H512-45HMB
H65
32Pin Windowed Leaded Chip Carrier
CY27H512-45LMB
L55
32Pin Rectangular Leadless Chip Carrier
CY27H512-45QMB
Q55
32Pin Windowed Rectangular Leadless Chip Carrier
CY27H512-45WMB
W16
28Lead (600Mil) Windowed CerDIP
55
CY27H512-55HC
H65
32Pin Windowed Leaded Chip Carrier
Commercial
CY27H512-55JC
J65
32Lead Plastic Leaded Chip Carrier
CY27H512-55PC
P15
28Lead (600Mil) Molded DIP
CY27H512-55WC
W16
28Lead (600Mil) Windowed CerDIP
CY27H512-55ZC
Z28
28Lead Thin Small Outline Package
CY27H512-55DMB
D16
28Lead (600Mil) CerDIP
Military
CY27H512-55HMB
H65
32Pin Windowed Leaded Chip Carrier
CY27H512-55LMB
L55
32Pin Rectangular Leadless Chip Carrier
CY27H512-55QMB
Q55
32Pin Windowed Rectangular Leadless Chip Carrier
CY27H512-55WMB
W16
28Lead (600Mil) Windowed CerDIP
Notes:
10. Most of the above products are available in industrial temperature
range. Contact a Cypress representative for specifications and prod
uct availability.


Similar Part No. - CY27H512-55JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27H010-25JC CYPRESS-CY27H010-25JC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-25ZC CYPRESS-CY27H010-25ZC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-30JC CYPRESS-CY27H010-30JC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-30PC CYPRESS-CY27H010-30PC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-30WC CYPRESS-CY27H010-30WC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
More results

Similar Description - CY27H512-55JC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
NXP Semiconductors
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
ATMEL Corporation
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com