Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIG50Q7CSB1X Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # MIG50Q7CSB1X
Description  High Power Switching Applications Motor Control Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MIG50Q7CSB1X Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button MIG50Q7CSB1X Datasheet HTML 3Page - Toshiba Semiconductor MIG50Q7CSB1X Datasheet HTML 4Page - Toshiba Semiconductor MIG50Q7CSB1X Datasheet HTML 5Page - Toshiba Semiconductor MIG50Q7CSB1X Datasheet HTML 6Page - Toshiba Semiconductor MIG50Q7CSB1X Datasheet HTML 7Page - Toshiba Semiconductor MIG50Q7CSB1X Datasheet HTML 8Page - Toshiba Semiconductor MIG50Q7CSB1X Datasheet HTML 9Page - Toshiba Semiconductor MIG50Q7CSB1X Datasheet HTML 10Page - Toshiba Semiconductor MIG50Q7CSB1X Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MIG50Q7CSB1X
2002-02-27
8
100
0
0
50
5
2
25
75
1
3
4
VD = 17 V
VD = 13 V
VD = 15 V
Common emitter
Tj = 25°C
IC – VCE
IC – VCE
Switching time – IC
Switching time – IC
IF – VF
trr, Irr – IF
Collector-emitter voltage
VCE (V)
Collector-emitter voltage
VCE (V)
Collector current
IC (A)
Collector current
IC (A)
Forward voltage
VF (V)
Forward current
IF (A)
100
0
0
50
5
2
25
75
13
4
VD = 17 V
VD = 15 V
Common emitter
Tj = 125°C
VD = 13 V
0
10
1
0.3
0.1
0.03
0.01
3
20
40
60
10
30
50
Tj = 25°C
VCC = 600 V
VD = 15 V
L-LOAD
ton
toff
tc (off)
tc (on)
0
10
1
0.3
0.1
0.03
0.01
3
20
40
60
10
30
50
Tj = 125°C
VCC = 600 V
VD = 15 V
L-LOAD
ton
toff
tc (off)
tc (on)
100
0
0
50
5
2
25
75
1
3
4
Common cathode
: Tj = 25°C
: Tj = 125°C
0
100
1
10
20
40
60
Irr
Common cathode
: Tj = 25°C
: Tj = 125°C
trr
3
30
10
50
30


Similar Part No. - MIG50Q7CSB1X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG50Q7CSA0X TOSHIBA-MIG50Q7CSA0X Datasheet
723Kb / 8P
   TOSHIBA INTELLIGENT POWER MODULE SILICON N CHANNEL IGBT
More results

Similar Description - MIG50Q7CSB1X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG100J201HC TOSHIBA-MIG100J201HC Datasheet
141Kb / 6P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG400V2YS60A MITSUBISHI-MG400V2YS60A Datasheet
184Kb / 9P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
GT10Q301 TOSHIBA-GT10Q301 Datasheet
321Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG50J906H TOSHIBA-MIG50J906H Datasheet
429Kb / 9P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
logo
Mitsubishi Electric Sem...
MIG200Q2CSB1X MITSUBISHI-MIG200Q2CSB1X Datasheet
239Kb / 10P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
MIG75J7CSB1W TOSHIBA-MIG75J7CSB1W Datasheet
186Kb / 11P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG300Q2YS60A MITSUBISHI-MG300Q2YS60A Datasheet
218Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400Q2YS60A MITSUBISHI-MG400Q2YS60A Datasheet
219Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400V1US51A MITSUBISHI-MG400V1US51A Datasheet
118Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG400Q2CMB1X MITSUBISHI-MIG400Q2CMB1X Datasheet
193Kb / 9P
   High Power Switching Applications Motor Control Applications
MIG75Q7CSB1X MITSUBISHI-MIG75Q7CSB1X Datasheet
194Kb / 10P
   High Power Switching Applications Motor Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com