Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1605SL Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1605SL
Description  PWM/PFM Dual-mode Step-Down Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1605SL Datasheet(HTML) 3 Page - Anachip Corp

  AP1605SL Datasheet HTML 1Page - Anachip Corp AP1605SL Datasheet HTML 2Page - Anachip Corp AP1605SL Datasheet HTML 3Page - Anachip Corp AP1605SL Datasheet HTML 4Page - Anachip Corp AP1605SL Datasheet HTML 5Page - Anachip Corp AP1605SL Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AP1605
PWM/PFM Dual-mode Step-Down Switching Regulator
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Jan 18, 2005
3/6
Electrical Characteristics (VIN = 5V, T
a=25°C, unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
AP1605 Series
2.5
--
7
V
VREF
Internal Reference Voltage
1.1625
1.2
1.2375
V
VUVLO
UVLO Voltage
Voltage required to maintain
VOUT
--
--
2.2
V
MAXDTY Maximum Duty Ratio
100
--
--
%
PFMDTY PFM Duty Ratio
15
25
35
%
SOP-8L
3
--
--
ISW
Switch Current
Duty = 50%
TSSOP-8L
1.5
--
--
A
ISS
Current Consumption
POWERON
VOUT=2.5V
--
35
100
µA
ISSS
Current Consumption
During Power Off
VON/OFF =0V
--
--
2
µA
∆VOUT1 Line Regulation
2.5V~7V @ IOUT=0.1A
--
0.2
0.5
%
∆VOUT2 Load Regulation
0.1A~3A(SOP-8L),
0.1A~1.5A(TSSOP-8L)
--
1
1.5
%
FOSC
Oscillation Frequency
220
300
380
KHz
VCEH
CE Pin “High” Voltage
Evaluate oscillation at SW pin
0.65
--
--
VCEL
CE Pin “Low” Voltage
Evaluate oscillation stop at SW
pin
--
--
0.2
*Vcc
ISH
--
-0.1
--
0.1
µA
ISL
Power-Off Pin Input
Leakage Current
--
-0.1
--
0.1
µA
EFFI
Efficiency
VIN = 5V, VOUT = 2.5V IOUT = 1A
--
93
--
%
Typical Application Circuit
1) Normal Application
+
-
CC
RA
RB
D1
OUT
VSS
FB
PVCC
SW
VCC
RVCC
CVCC
AP1605
=~200K
CE
R
CE
C
CE
)
R
R
(1
Vref
Vo
B
A
+
×
=
100K
0.1uF


Similar Part No. - AP1605SL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1605SL-13 DIODES-AP1605SL-13 Datasheet
158Kb / 7P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 Rev. 1
AP1605SL-13 DIODES-AP1605SL-13 Datasheet
147Kb / 8P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
AP1605 Rev. 2
AP1605SL-U DIODES-AP1605SL-U Datasheet
158Kb / 7P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 Rev. 1
More results

Similar Description - AP1605SL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1605 DIODES-AP1605_17 Datasheet
312Kb / 7P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 DIODES-AP1605 Datasheet
158Kb / 7P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 Rev. 1
AP1605 DIODES-AP1605_09 Datasheet
147Kb / 8P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
AP1605 Rev. 2
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Diodes Incorporated
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
   PWM/PFM Dual Mode Step-down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com