Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8878 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDS8878
Description  N-Channel PowerTrench MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8878 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS8878 Datasheet HTML 1Page - Fairchild Semiconductor FDS8878 Datasheet HTML 2Page - Fairchild Semiconductor FDS8878 Datasheet HTML 3Page - Fairchild Semiconductor FDS8878 Datasheet HTML 4Page - Fairchild Semiconductor FDS8878 Datasheet HTML 5Page - Fairchild Semiconductor FDS8878 Datasheet HTML 6Page - Fairchild Semiconductor FDS8878 Datasheet HTML 7Page - Fairchild Semiconductor FDS8878 Datasheet HTML 8Page - Fairchild Semiconductor FDS8878 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FDS8878 Rev. A1
www.fairchildsemi.com
3
Switching Characteristics (V
GS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 1mH, IAS = 10.7A, VDD = 30V, VGS = 10V.
2: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθJA is determined by the user’s board design.
3: RθJA is measured with 1.0 in
2 copper on FR-4 board
4: FDS8878_NL is lead free product. FDS8878_NL marking will appear on the reel label.
tON
Turn-On Time
VDD = 15V, ID = 10.2A
VGS = 10V, RGS = 16Ω
-
-
54
ns
td(ON)
Turn-On Delay Time
-
7
-
ns
tr
Rise Time
-
29
-
ns
td(OFF)
Turn-Off Delay Time
-
45
-
ns
tf
Fall Time
-
18
-
ns
tOFF
Turn-Off Time
-
-
94
ns
VSD
Source to Drain Diode Voltage
ISD = 10.2A
-
-
1.25
V
ISD = 2.1A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 10.2A, dISD/dt=100A/µs-
-
19
ns
QRR
Reverse Recovered Charge
ISD = 10.2A, dISD/dt=100A/µs-
-
9.5
nC


Similar Part No. - FDS8878

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8878 FAIRCHILD-FDS8878 Datasheet
632Kb / 12P
   N-Channel PowerTrench짰 MOSFET
logo
Guangdong Youtai Semico...
FDS8878 UMW-FDS8878 Datasheet
598Kb / 9P
   30V N-Channel MOSFET
logo
Fairchild Semiconductor
FDS8878 FAIRCHILD-FDS8878_07 Datasheet
632Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDS8878

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com