Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248-185 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9248-185
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-185 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9248-185 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-185 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-185 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-185 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-185 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-185 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-185 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-185 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-185 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
ICS9248- 185
Electrical Characteristics - REF
TA = 0 - 70C; VDD = 3.3 V, VDDL= 2.5V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH5
IOH = -14 mA
2.4
2.6
V
Output Low Voltage
VOL5
IOL = 6 mA
0.22
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-32
-20
mA
Output Low Current
IOL5
VOL = 0.8 V
16
22
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
2.11
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
2.14
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
52.1
55
%
Jitter, cycle to cycle
1
tjcycle5
VT = 1.5 V
-600
848
1000
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - 48MHz
TA = 0 - 70C; VDD = 3.3 V, VDDL= 2.5V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH5
IOH = -14 mA
2.4
2.6
V
Output Low Voltage
VOL5
IOL = 6 mA
0.22
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-32
-20
mA
Output Low Current
IOL5
VOL = 0.8 V
16
22
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
1.79
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
1.92
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
50.8
55
%
Jitter, cycle to cycle
tjcycle
VT = 1.5 V
267
500
ps
1Guaranteed by design, not 100% tested in production.


Similar Part No. - ICS9248-185

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
   AMD - K7??Clock Generator for Mobile System
More results

Similar Description - ICS9248-185

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-101 ICST-ICS9248-101 Datasheet
362Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248-162 ICST-ICS9248-162 Datasheet
472Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Circuit Syst...
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com