Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M390S2858CTU Datasheet(PDF) 3 Page - Samsung semiconductor

Part # M390S2858CTU
Description  PC133/PC100 Low Profile Registered DIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M390S2858CTU Datasheet(HTML) 3 Page - Samsung semiconductor

  M390S2858CTU Datasheet HTML 1Page - Samsung semiconductor M390S2858CTU Datasheet HTML 2Page - Samsung semiconductor M390S2858CTU Datasheet HTML 3Page - Samsung semiconductor M390S2858CTU Datasheet HTML 4Page - Samsung semiconductor M390S2858CTU Datasheet HTML 5Page - Samsung semiconductor M390S2858CTU Datasheet HTML 6Page - Samsung semiconductor M390S2858CTU Datasheet HTML 7Page - Samsung semiconductor M390S2858CTU Datasheet HTML 8Page - Samsung semiconductor M390S2858CTU Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M390S2858CTU
Rev. 0.1 Sept. 2001
PC133/PC100 Low Profile Registered DIMM
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL BLOCK DIAGRAM
CDCF2510
IY0
IY1
IY2
IY3
IY4
IY5
IY6
IY7
IY8
IY9
CLK
FIBIN
VSS
10
VDD
CLK0
FBOUT
12pF
10
CLK1,2,3
12pF
Note
1. The actual values of Cb will depend upon the PLL chosen.
Cb*1
PCLK9
PCLK5
PCLK6
PCLK7
PCLK8
PCLK0
PCLK1
PCLK2
PCLK3
PCLK4
Serial PD
SDA
SCL
A1
A2
A0
SA1 SA2
SA0
WP
47K
A0~A12,BA0~1, RAS, CAS
74ALVCF162835
B0WE,B0CKE1
B1WE,B1CKE1
VDD
10k
OE
LE
74ALVCF162835
OE
LE
PCLK9
REGE
74ALVCF162835
OE
LE
CKE0
B0A0~B0A12,B0BA0~1, B0RAS, B0CAS
DQM0~7,CS0~3
B1A0~B1A12,B1BA0~1, B1RAS, B1CAS
B0CKE0
B1CKE0
WE
BDQM0~7, BCS0~3
CB4~7
DQ44~47
DQ36~39
10
10
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D0L
BCS1
PCLK0
BCS0
B0CKE0
B0A0~B0A12,B0BA0~1, B0RAS, B0CAS, B0WE
BDQM0
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D1L
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D2L
PCLK2
BDQM1
DQ8~11
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D3L
DQ12~15
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D5L
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D4L
PCLK4
CB0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D6L
PCLK6
DQ20~23
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D8L
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D7L
PCLK7
BDQM3
DQ24~27
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
BDQM5
DQ40~43
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
BDQM6
DQ48~51
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
DQ52~55
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
BDQM7
DQ60~63
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
BDQM7
DQ56~59
10
10
BDQM4
DQ32~35
10
10
10
10
10
10
10
10
10
10
PCLK5
BCS2
BDQM2
DQ16~19
PCLK3
10
10
10
PCLK1
DQ4~7
D9L
D10L
D11L
D12L
D14L
D13L
D15L
D17L
D16L
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D9
D10
D11
D12
D14
D13
D15
D17
D16
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
CLK
CS
CKE
Add,CTL
DQM
DQ0~3
D0U
D1U
D2U
D3U
D5U
D4U
D6U
D8U
D7U
10
PCLK8
BCS2
B1CKE0
B1A0~B1A12,B1BA0~1, B1RAS, B1CAS, B1WE
BDQM0
DQ28~31
BCS3


Similar Part No. - M390S2858CTU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M390S2858CT1 SAMSUNG-M390S2858CT1 Datasheet
239Kb / 12P
    SDRAM DIMM
M390S2858CT1-C7A SAMSUNG-M390S2858CT1-C7A Datasheet
239Kb / 12P
    SDRAM DIMM
M390S2858CT1-C7C SAMSUNG-M390S2858CT1-C7C Datasheet
239Kb / 12P
    SDRAM DIMM
More results

Similar Description - M390S2858CTU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M390S2858DTU SAMSUNG-M390S2858DTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
DS_M366S2953MTS SAMSUNG-DS_M366S2953MTS Datasheet
135Kb / 9P
   PC133/PC100 Unbuffered DIMM
M366S1723DTS SAMSUNG-M366S1723DTS Datasheet
146Kb / 11P
   PC133/PC100 Unbuffered DIMM
M366S6453CTS SAMSUNG-M366S6453CTS Datasheet
172Kb / 11P
   PC133/PC100 Unbuffered DIMM
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
   M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
logo
Pericom Semiconductor C...
AB32 PERICOM-AB32 Datasheet
27Kb / 2P
   3.3V Bus Switches for PC100/PC133 DIMM Switching
logo
Samsung semiconductor
M464S6453CKS SAMSUNG-M464S6453CKS Datasheet
80Kb / 12P
   PC133/PC100 SODIMM
logo
List of Unclassifed Man...
KVR133X72RC3 ETC2-KVR133X72RC3 Datasheet
83Kb / 1P
   PC133 Registered SDRAM 168-Pin ECC DIMM Memory Module
logo
Samsung semiconductor
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
66Kb / 7P
   PC100 Unbuffered DIMM
logo
Hynix Semiconductor
HYMD232G726BL8M-M HYNIX-HYMD232G726BL8M-M Datasheet
154Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com