Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10SX1405 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC10SX1405
Description  155Mb/s / 622Mb/s Transmitter (Multiplexer) with Clock Generation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10SX1405 Datasheet(HTML) 5 Page - Motorola, Inc

  MC10SX1405 Datasheet HTML 1Page - Motorola, Inc MC10SX1405 Datasheet HTML 2Page - Motorola, Inc MC10SX1405 Datasheet HTML 3Page - Motorola, Inc MC10SX1405 Datasheet HTML 4Page - Motorola, Inc MC10SX1405 Datasheet HTML 5Page - Motorola, Inc MC10SX1405 Datasheet HTML 6Page - Motorola, Inc MC10SX1405 Datasheet HTML 7Page - Motorola, Inc MC10SX1405 Datasheet HTML 8Page - Motorola, Inc MC10SX1405 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC10SX1405
ECLinPS and ECLinPS Lite
DL140 — Rev 3
5
MOTOROLA
Table 1. SX1405 Pin Descriptions
Name
Pin No
Description
TTL Compatible I/O
RETCK
14
Re–Time Latch Clock
DI8
16
Parallel Data Input (Byte LSB)
DI7
17
Parallel Data Input
DI6
19
Parallel Data Input
DI5
20
Parallel Data Input
DI4
21
Parallel Data Input (Nibble LSB)
DI3
22
Parallel Data Input
DI2
24
Parallel Data Input
DI1
25
Parallel Data Input (Byte and Nibble MSB)
OOL
26
Out of Lock Indicator Output
EPI
28
Even Parity Input
PLLCK
33
PLL Clock Out (19.44 / 38.88 / 77.76MHz)
RSTN
37
Reset Input
LSS
39
Low Speed Select Input
NBB
40
Nibble / Byte Select Input
ECSN
43
External Clock Select Input
PERR
44
Parity Error Output and Reset, Open Collector
PECL Compatible I/O
VBB
7
PECL Voltage Reference Output (3.7V Nominally)
REFCKM
9
Differential Input Reference Clock Minus
REFCK
10
Differential Input Reference Clock Plus
VARCK
11
Differential Input Variable Clock Plus
VARCKM
12
Differential Input Variable Clock Minus
SOP
30
Differential Serial Data Output Plus
SOM
31
Differential Serial Data Output Minus
PLLCKM
34
PLL Clock Out (19.44 / 38.88 / 77.76MHz) Minus
PLLCKP
35
PLL Clock Out (19.44 / 38.88 / 77.76MHz) Plus
ECK
42
External Clock Input
Analog I/O
FCM
5
VCO Frequency Control Monitor
VBR4–VBR1
46–49
VCO FIlter Pins
FILTN
52
Loop Filter Negative
FILTC
1
Loop Filter Common
FILTP
2
Loop Filter Positive
Power and Ground Pins
AVCC
3, 45
Analog +5V Supply
AVEE
6, 50
Analog 0V Supply
VCC
8, 13, 23, 36, 38
PECL +5V Supply
VEE
15, 18, 41
PECL 0V Supply
VCCT
27
Output TTL +5V Supply
VEET
29
Output TTL 0V Supply
VCCO
32
Output PECL +5V Supply
Reserved
N/C
4, 51
No Connection


Similar Part No. - MC10SX1405

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
106Kb / 8P
   LED DRIVER
1996 REV 1
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130D ONSEMI-MC10SX1130D Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DG ONSEMI-MC10SX1130DG Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
More results

Similar Description - MC10SX1405

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
   ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
Greystone Energy System...
RH100S GREYSTONE-RH100S Datasheet
197Kb / 2P
   S/S SURFACE HUMIDITY TRANSMITTER
logo
Integrated Circuit Syst...
M830 ICST-M830 Datasheet
169Kb / 6P
   12.249Gb/s OC-192 Clock & Data Recovery Transmitter Module
logo
California Eastern Labs
NR7800 CEL-NR7800 Datasheet
211Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
logo
Vitesse Semiconductor C...
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8117 VITESSE-VSC8117 Datasheet
406Kb / 22P
   ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
logo
Agere Systems
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
Keysight Technologies
M8061A KEYSIGHT-M8061A Datasheet
1Mb / 13P
   M8061A 32 Gb/s Multiplexer with De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com