Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6043AAUT50 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6043AAUT50
Description  Precision High-Voltage Reference in SOT23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6043AAUT50 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6043AAUT50 Datasheet HTML 2Page - Maxim Integrated Products MAX6043AAUT50 Datasheet HTML 3Page - Maxim Integrated Products MAX6043AAUT50 Datasheet HTML 4Page - Maxim Integrated Products MAX6043AAUT50 Datasheet HTML 5Page - Maxim Integrated Products MAX6043AAUT50 Datasheet HTML 6Page - Maxim Integrated Products MAX6043AAUT50 Datasheet HTML 7Page - Maxim Integrated Products MAX6043AAUT50 Datasheet HTML 8Page - Maxim Integrated Products MAX6043AAUT50 Datasheet HTML 9Page - Maxim Integrated Products MAX6043AAUT50 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Precision High-Voltage Reference in SOT23
6
_______________________________________________________________________________________
Note 1: All devices are 100% production tested at TA = +25°C and guaranteed by design over TA = TMIN to TMAX as specified.
Note 2: Temperature coefficient is defined as
∆VOUT divided by the temperature range.
Note 3: Thermal hysteresis defined as the change in output voltage at TA = +25°C before and after cycling the device from TMAX to TMIN.
Note 4: Line and load regulation do not include the effect of self heating.
ELECTRICAL CHARACTERISTICS—VOUT = +10.0V
(VIN = +15V, IOUT = 0, TA = TMIN to TMAX. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
MAX6043A (0.05%)
9.9950
10.0000
10.0050
MAX6043B (0.1%)
9.9900
10.0000
10.0100
Output Voltage
IOUT = 0, TA = +25°C
MAX6043C (0.5%)
9.9500
10.0000
10.0500
V
MAX6043A_10
3
15
MAX6043B_10
5
25
Output-Voltage Temperature
Coefficient (Note 2)
TA = -40°C to +125°C
MAX6043C_10
10
65
ppm/°C
TA = +25°C1
6
Line Regulation (Note 4)
12V
≤ VIN ≤ 40V
TA = -40°C to +125°C
1.5
10
ppm/V
TA = +25°C16
70
Sourcing,
0
≤ IOUT ≤ 10mA
TA = -40°C to +125°C70
TA = +25°C
170
900
Load Regulation (Note 4)
Sinking,
-0.6mA
≤ IOUT ≤ 0mA
TA = -40°C to +125°C
900
ppm/mA
OUT shorted to GND
60
OUT Short-Circuit Current
OUT shorted to IN
-2
mA
Thermal Hysteresis
(Note 3)
150
ppm
Long-Term Stability
∆t = 1000hr
150
ppm
DYNAMIC CHARACTERISTICS
0.1Hz to 10Hz
19
µVP-P
Output Noise Voltage
10Hz to 1kHz
30
µVRMS
Turn-On Settling Time
To VOUT = 0.05% of final value, COUT = 50pF
390
µs
INPUT
Supply Voltage Range
Inferred from line regulation test
12.0
40.0
V
TA = +25°C
320
490
Quiescent Supply Current
IOUT = 0
TA = -40°C to +125°C
390
650
µA


Similar Part No. - MAX6043AAUT50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
More results

Similar Description - MAX6043AAUT50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033 MAXIM-MAX6033_12 Datasheet
343Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 3; 3/12
MAX6033 MAXIM-MAX6033_V01 Datasheet
1Mb / 13P
   High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
MAX6006 MAXIM-MAX6006_12 Datasheet
275Kb / 8P
   1μA SOT23 Precision ShuntVoltage Reference
Rev 1; 7/12
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com