Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP90C041A Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TMP90C041A
Description  CMOS 8-Bit Microcontrollers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP90C041A Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TMP90C041A Datasheet HTML 4Page - Toshiba Semiconductor TMP90C041A Datasheet HTML 5Page - Toshiba Semiconductor TMP90C041A Datasheet HTML 6Page - Toshiba Semiconductor TMP90C041A Datasheet HTML 7Page - Toshiba Semiconductor TMP90C041A Datasheet HTML 8Page - Toshiba Semiconductor TMP90C041A Datasheet HTML 9Page - Toshiba Semiconductor TMP90C041A Datasheet HTML 10Page - Toshiba Semiconductor TMP90C041A Datasheet HTML 11Page - Toshiba Semiconductor TMP90C041A Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8/12
TOSHIBA CORPORATION
TMP90C041A
• AC output level High 2.2V/Low 0.8V
• AC input level High 2.4V/Low 0.45V (D0 – D7)
High 0.8VCC/Low 0.2VCC (excluding D0 – D7)
4.3 AC Characteristics
TA = -20 ~ 70
°C V
CC = 5V ± 10%
CL = 50pF
Symbol
Parameter
Variable
10MHz Clock
16MHz Clock
Unit
Min
Max
Min
Max
Min
Max
tOSC
OSC. Period = x
80
1000
100
82.5
ns
tCYC
CLK Period
4x
4x
400
250
ns
tWL
CLK Low width
2x - 40
160
85
ns
tWH
CLK High width
2x - 40
160
85
ns
tAC
Address Setup to RD, WR
x - 45
55
17
ns
tRR
RD Low width
2.5x - 40
210
115
ns
tCA
Address Hold Time After RD, WR
0.5x - 30
20
5
ns
tAD
Address to Valid Data In
3.5x - 95
255
124
ns
tRD
RD to Valid Data In
2.5x - 80
170
77
ns
tHR
Input Data Hold After RD
0
0–0–
ns
tWW
WR Low width
2.5x - 40
210
115
ns
tDW
Data Setup to WR
2x - 50
150
75
ns
tWD
Data Hold After WR
20
70
20
70
20
70
ns
tCWA
RD, WR to Valid WAIT
1.5x - 80
70
14
ns
tAWA
Address to Valid WAIT
2.5x - 130
120
27
ns
tWAS
WAIT Setup to CLK
50
50
50
ns
tWAH
WAIT Hold After CLK
0
0–0–
ns
tRV
RD/WR Recovery Time
1.5x - 35
115
58
ns
tCPW
CLK to Port Data Output
x + 200
300
263
ns
tPRC
Port Data Setup to CLK
200
200
200
ns
tCPR
Port Data Hold After CLK
100
100
100
ns
tCHCL
RD/WR Hold After CLK
x - 60
40
10
ns
tCLC
RD/WR Setup to CLK
1.5x - 25
125
68
ns
tCLHA
Address Hold After CLK
1.5x - 80
70
13
ns
tACL
Address Setup to CLK
2.5x - 80
170
76
ns
tCLD
Data Setup to CLK
x - 50
50
12
ns


Similar Part No. - TMP90C041A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
   CMOS 8-Bit Microcontrollers
TMP90C041-15 TOSHIBA-TMP90C041-15 Datasheet
631Kb / 12P
   CMOS 8-BIT MICROCONTROLLERS
TMP90C041F TOSHIBA-TMP90C041F Datasheet
324Kb / 12P
   CMOS 8-Bit Microcontrollers
TMP90C041F-15 TOSHIBA-TMP90C041F-15 Datasheet
631Kb / 12P
   CMOS 8-BIT MICROCONTROLLERS
TMP90C041N TOSHIBA-TMP90C041N Datasheet
324Kb / 12P
   CMOS 8-Bit Microcontrollers
More results

Similar Description - TMP90C041A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C8275 SAMSUNG-S3C8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3C828B SAMSUNG-S3C828B Datasheet
3Mb / 369P
   8-BIT CMOS MICROCONTROLLERS
S3C852B SAMSUNG-S3C852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
   8-Bit CMOS Microcontrollers
1997 - 1999
PIC16LC62A-04 MICROCHIP-PIC16LC62A-04 Datasheet
1Mb / 337P
   8-Bit CMOS Microcontrollers
01/18/02
logo
Samsung semiconductor
S3P852B SAMSUNG-S3P852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Samsung semiconductor
S3C825A SAMSUNG-S3C825A Datasheet
1Mb / 346P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041-15 TOSHIBA-TMP90C041-15 Datasheet
631Kb / 12P
   CMOS 8-BIT MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com