Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-3760-300 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-3760-300
Description  AC/DC to Logic Interface Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3760-300 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-3760-300 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-3760-300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-3760-300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-3760-300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-3760-300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-3760-300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-3760-300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-3760-300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-3760-300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
diodes to protect the buffer and
LED from a wide range of over-
voltage and over-current
transients. Because threshold
sensing is done prior to driving
the LED, variations in optical
coupling from the LED to the
detector will have no effect on the
threshold levels.
The HCPL-0370/3700's input
buffer IC has a nominal turn on
threshold of 2.5 mA (I
TH +) and
3.7 volts (V
TH +).
The buffer IC for the HCPL-3760
was redesigned to permit a lower
input current. The nominal turn
on threshold for the HCPL-3760
is 1.2 mA (I
TH +) and 3.7 volts
(V
TH +).
The high gain output stage
features an open collector output
providing both TTL compatible
saturation voltages and CMOS
compatible breakdown voltages.
By combining several unique
functions in a single package, the
user is provided with an ideal
component for industrial control
computer input boards and other
applications where a predeter-
mined input threshold level is
desirable.
Ordering Information
Specify Part Number followed by Option Number (if desired)
Example
HCPL-0370#XXXX
No option = SO8 Package.
500 = Tape/Reel Package Option (1 K min.).
XXXE = Lead Free Option.
HCPL-37x0#XXXX
020 = 5000 V rms/1 minute UL Rating Option.
300 = Gull Wing Surface Mount Option.
500 = Tape/Reel Package Option (1 K min.).
XXXE = Lead Free Option.
Option data sheets available. Contact your Agilent sales representative or authorized distributor for information.
Remarks: The notation “#” is used for existing products, while (new) products launched since 15th July 2001 and lead free option will use “–”
Schematic


Similar Part No. - HCPL-3760-300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3760-300E AVAGO-HCPL-3760-300E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
More results

Similar Description - HCPL-3760-300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Fairchild Semiconductor
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700V FAIRCHILD-HCPL3700V Datasheet
271Kb / 11P
   AC/DC to Logic Interface Optocoupler
HCPL3700S FAIRCHILD-HCPL3700S Datasheet
142Kb / 9P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
137Kb / 11P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com