Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1815 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1815
Description  Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815 Datasheet(HTML) 3 Page - Linear Technology

  LT1815 Datasheet HTML 1Page - Linear Technology LT1815 Datasheet HTML 2Page - Linear Technology LT1815 Datasheet HTML 3Page - Linear Technology LT1815 Datasheet HTML 4Page - Linear Technology LT1815 Datasheet HTML 5Page - Linear Technology LT1815 Datasheet HTML 6Page - Linear Technology LT1815 Datasheet HTML 7Page - Linear Technology LT1815 Datasheet HTML 8Page - Linear Technology LT1815 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1815
LT1816/LT1817
181567fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
0.2
1.5
mV
TA = 0°C to 70°C
q
2.0
mV
TA = – 40°C to 85°C
q
3.0
mV
Input Offset Voltage
LT1815S6/LT1816A, 40k
Ω Between ISET and V
27
mV
(Low Power Mode) (Note 10)
TA = 0°C to 70°C
q
9mV
TA = – 40°C to 85°C
q
10
mV
∆VOS
Input Offset Voltage Drift
TA = 0°C to 70°C (Note 7)
q
10
15
µV/°C
∆T
TA = – 40°C to 85°C (Note 7)
q
10
30
µV/°C
IOS
Input Offset Current
60
800
nA
TA = 0°C to 70°C
q
1000
nA
TA = – 40°C to 85°C
q
1200
nA
IB
Input Bias Current
–2
±8
µA
TA = 0°C to 70°C
q
±10
µA
TA = – 40°C to 85°C
q
±12
µA
en
Input Noise Voltage Density
f = 10kHz
6
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
1.3
pA/
√Hz
RIN
Input Resistance
VCM = ±3.5V
1.5
5
M
Differential
750
k
CIN
Input Capacitance
2pF
VCM
Input Voltage Range
Guaranteed by CMRR
±3.5
±4.2
V
TA = –40°C to 85°C
q
±3.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±3.5V
75
85
dB
TA = 0°C to 70°C
q
73
dB
TA = – 40°C to 85°C
q
72
dB
Minimum Supply Voltage
Guaranteed by PSRR
±1.25
±2V
TA = – 40°C to 85°C
q
±2V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±5.5V
78
97
dB
TA = 0°C to 70°C
q
76
dB
TA = – 40°C to 85°C
q
75
dB
Channel Separation
VOUT = ±3V, RL = 100Ω, LT1816/LT1817
82
100
dB
TA = 0°C to 70°C
q
81
dB
TA = – 40°C to 85°C
q
80
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±3V, RL = 500Ω
1.5
3
V/mV
TA = 0°C to 70°C
q
1.0
V/mV
TA = – 40°C to 85°C
q
0.8
V/mV
VOUT = ±3V, RL = 100Ω
0.7
2.5
V/mV
TA = 0°C to 70°C
q
0.5
V/mV
TA = – 40°C to 85°C
q
0.4
V/mV
VOUT
Maximum Output Swing
RL = 500Ω, 30mV Overdrive
±3.8
±4.1
V
TA = 0°C to 70°C
q
±3.7
V
TA = – 40°C to 85°C
q
±3.6
V
RL = 100Ω, 30mV Overdrive
±3.50
±3.8
V
TA = 0°C to 70°C
q
±3.25
V
TA = – 40°C to 85°C
q
±3.15
V
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 8). VS = ±5V, VCM = 0V unless otherwise noted. For the
programmable current option (LT1815S6 or LT1816A), the ISET pin must be connected to Vthrough 75Ω or less, unless
otherwise noted.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1815

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1815 LINER-LT1815 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1815 LINER-LT1815 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1815 LINER-LT1815 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1815 LINER-LT1815 Datasheet
380Kb / 16P
   Single/Dual Operational Amplifiers
LT1815 LINER-LT1815_15 Datasheet
548Kb / 20P
   Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
More results

Similar Description - LT1815

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1815 LINER-LT1815_15 Datasheet
548Kb / 20P
   Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
LT1817 LINER-LT1817_15 Datasheet
548Kb / 20P
   Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
LT1816 LINER-LT1816_15 Datasheet
548Kb / 20P
   Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP292 AD-OP292_02 Datasheet
516Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. B
OP292 AD-OP292_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP492GSZ AD-OP492GSZ Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. C
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com