Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB31296FT Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TB31296FT
Description  Bluetooth RF IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB31296FT Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TB31296FT Datasheet HTML 1Page - Toshiba Semiconductor TB31296FT Datasheet HTML 2Page - Toshiba Semiconductor TB31296FT Datasheet HTML 3Page - Toshiba Semiconductor TB31296FT Datasheet HTML 4Page - Toshiba Semiconductor TB31296FT Datasheet HTML 5Page - Toshiba Semiconductor TB31296FT Datasheet HTML 6Page - Toshiba Semiconductor TB31296FT Datasheet HTML 7Page - Toshiba Semiconductor TB31296FT Datasheet HTML 8Page - Toshiba Semiconductor TB31296FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TENTATIVE
TB31296FT
RX CHARACTERISTICS
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Sensitivity
Sense
BER=0.1%、RXin
-
-83
TBD dBm
Maximum input range
maxRange
-10
TBD
- dBm
RSSI output level 1 (*6)
V (RSSI-1)
Vin(LNA)=-60dBm, no mod.
TBD
1.28
TBD V
RSSI output level 2 (*6)
V (RSSI-2)
Vin(LNA)=-40dBm, no mod.
TBD
2.04
TBD V
C/I performance
InterCo
(*1)
8.8
14 dB
Inter+1MHz (*1)
2.0
4 dB
Inter-1MHz
(*1)
0.1
4 dB
Inter+2MHz (*2)
-24
TBD dB
Inter-2MHz
-31
-30 dB
Inter+3MHz (*2)
-31
TBD dB
Inter-3MHz
-41
-40 dB
Inter+4MHz
-41
-40 dB
Inter<-3MHz
-42
-40 dB
Inter+5MHz Image –1MHz frequency
-30
-20 dB
Inter+6MHz Image frequency
-20
-9 dB
Inter+7MHz Image +1MHz frequency
-30
-20 dB
Inter>7MHz
-42
-40 dB
Intermodulation
From Bluetooth spec.
-39
TBD
dBm
Receiver spurious emission
30MHz to 1GHz
TBD
dBm
1GHz to 12.75GHz
TBD
dBm
OBB1
TBD
dBm
OBB2
TBD
dBm
OBB3
TBD
dBm
Out of band blocking
OBB4
TBD
dBm
(*1) use relaxed regulation
(*2) use relaxed regulation from spurious response
TX CHARACTERISTICS
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
TX output signal level
PAOUT(max
)
Nominal setting
TBD
0
TBD dBm
TX Output Signal control range
PArange
17 step controlled
-13
5 dBm
TX max output
PAmax
TBD
5
TBD dBm
TX minimum output
PAmin
TBD
-13
TBD dBm
20dB bandwidth
807
1000 MHz
Frequency deviation
Dev(Tx)
(*9)
140
160
175 kHz
Frequency Drift
Fdrift
DH1 packet
1.6
25 kHz
In-band spurious emission
2MHz offset
-20 dBm
>= 3MHz offset
-40 dBm
OBS1
30MHz to 1GHz with operating
dBm
OBS2
30MHz to 1GHz with BS
dBm
OBS3
1 to 12.75GHz with op.
dBm
OBS4
1GHz to 12.75GHz with BS
dBm
OBS5
1.8GHz to 1.9GHz
dBm
Out of band spurious
OBS6
5.15GHz to 5.3GHz
dBm
EPA1
0
V
EPA2
N/30 x
Vcc
V
EPA3
Vcc
V
External PA control voltage
N
Cont. steps
30
step
- 6 -
June 26, 2003


Similar Part No. - TB31296FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB31202 TOSHIBA-TB31202 Datasheet
589Kb / 14P
   TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
TB31202FN TOSHIBA-TB31202FN Datasheet
589Kb / 14P
   TOSHIBA Bi-CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
TB31202FN TOSHIBA-TB31202FN Datasheet
577Kb / 15P
   PLL EREQUENCY SYNTHESIZER
TB31202FNG TOSHIBA-TB31202FNG Datasheet
570Kb / 15P
   PLL EREQUENCY SYNTHESIZER
TB31206 TOSHIBA-TB31206 Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
More results

Similar Description - TB31296FT

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7050LA OKI-ML7050LA Datasheet
133Kb / 16P
   Bluetooth RF Transceiver IC
logo
NXP Semiconductors
PCF26100 PHILIPS-PCF26100 Datasheet
121Kb / 28P
   Bluetooth Adapter IC
2001 Jun 19
logo
Tyco Electronics
MA02305AK MACOM-MA02305AK Datasheet
141Kb / 5P
   3.0 V 100 mW RF Power Amplifier IC for Bluetooth
logo
OKI electronic componet...
ML7051LA OKI-ML7051LA Datasheet
164Kb / 24P
   Bluetooth Baseband Controller IC
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
   Bluetooth Baseband Controller IC
ML70512 OKI-ML70512 Datasheet
332Kb / 29P
   Bluetooth Baseband Controller IC
ML70Q5110LA OKI-ML70Q5110LA Datasheet
155Kb / 26P
   Bluetooth Baseband Controller IC
ML70Q5111LA OKI-ML70Q5111LA Datasheet
157Kb / 26P
   Bluetooth Baseband Controller IC
ML7055 OKI-ML7055 Datasheet
343Kb / 30P
   Bluetooth Baseband Controller IC
logo
Oscilent Corporation
802-RF2441.8M-A OSCILENT-802-RF2441.8M-A Datasheet
290Kb / 3P
   Bluetooth, RF SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com