Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6007 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS6007
Description  DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6007 Datasheet(HTML) 4 Page - Texas Instruments

  THS6007 Datasheet HTML 1Page - Texas Instruments THS6007 Datasheet HTML 2Page - Texas Instruments THS6007 Datasheet HTML 3Page - Texas Instruments THS6007 Datasheet HTML 4Page - Texas Instruments THS6007 Datasheet HTML 5Page - Texas Instruments THS6007 Datasheet HTML 6Page - Texas Instruments THS6007 Datasheet HTML 7Page - Texas Instruments THS6007 Datasheet HTML 8Page - Texas Instruments THS6007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
THS6007
DUAL DIFFERENTIAL LINE DRIVERS AND LOW-POWER RECEIVERS
SLOS334– DECEMBER 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER
electrical characteristics, VCC = ±15 V, RL = 25 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = 200 mV,
G = 1,
RF = 680 Ω,RL = 25 Ω
VCC = ± 15 V
140
VI = 200 mV,
G = 1,
RF = 1 kΩ,RL = 25 Ω
VCC = ± 5 V
100
Small signal bandwidth ( 3 dB)
VI = 200 mV,
G = 2,
RF = 620 Ω,RL = 25 Ω
VCC = ± 15 V
120
MHz
BW
Small-signal bandwidth (–3 dB)
VI = 200 mV,
G = 2,
RL = 25 Ω,RF = 820 Ω
VCC = ± 5 V
100
MHz
BW
VI = 200 mV,
G = 1,
RF = 820 Ω,RL = 100 Ω
VCC = ± 15 V
315
VI = 200 mV,
G = 2,
RF = 560 Ω,RL = 100 Ω
VCC = ± 15 V
265
Bandwidth for 0 1 dB flatness
VI = 200 mV
G = 1
VCC = ± 5 V,
RF = 820 Ω
30
MHz
Bandwidth for 0.1 dB flatness
VI = 200 mV,
G = 1
VCC = ± 15 V,
RF = 680 Ω
40
MHz
Full power bandwidth†
VCC = ± 15 V,
VO(PP) = 20 V
20
MHz
Full power bandwidth†
VCC = ± 5 V,
VO(PP) = 4 V
35
MHz
SR
Slew rate‡
VCC = ± 15 V,
VO = 20 V(PP),
G = 5
1300
V/
µs
SR
Slew rate‡
VCC = ± 5 V,
VO = 5 V(PP),
G = 2
900
V/
µs
ts
Settling time to 0.1%
0 V to 10 V Step,
G = 2
70
ns
† Full power bandwidth = slew rate/2
π VO(Peak).
‡ Slew rate is measured from an output level range of 25% to 75%.
noise/distortion performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ± 15 V,
RF = 680 Ω,
VO(PP) = 20 V
–65
THD
Total harmonic distortion
CC
,
F
,
G = 2,
f = 1 MHz
VO(PP) = 2 V
–79
dBc
THD
Total harmonic distortion
VCC = ± 5 V,
RF = 680 Ω,
G = 2,
f = 1 MHz
VO(PP) = 2 V
–76
dBc
Vn
Input voltage noise
VCC = ± 5 V or ± 15 V,
f = 10 kHz,
G = 2,
Single-ended
1.7
nV/
√Hz
I
Input noise current
Positive (IN+)
VCC = ± 5 V or ± 15 V,
f = 10 kHz,
11.5
pA/
√Hz
In
Input noise current
Negative (IN–)
CC
,
G = 2
,
16
pA/
√Hz
AD
Differential gain error
G = 2,
NTSC,
VCC = ± 5 V
0.04%
AD
Differential gain error
,,
RL = 150 Ω,
40 IRE Modulation
VCC = ± 15 V
0.05%
φD
Differential phase error
G = 2,
NTSC,
VCC = ± 5 V
0.07
°
φD
Differential hase error
RL = 150 Ω,
40 IRE Modulation
VCC = ± 15 V
0.08
°
Crosstalk
Driver to driver
VI = 200 mV,
f = 1 MHz
–62
dB


Similar Part No. - THS6007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI1-THS6002 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6002 TI1-THS6002 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - THS6007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com