Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL322522T Datasheet(PDF) 1 Page - TDK Electronics

Part # NL322522T
Description  For General Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NL322522T Datasheet(HTML) 1 Page - TDK Electronics

  NL322522T Datasheet HTML 1Page - TDK Electronics NL322522T Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
511_NL2016
(1/2)
Inductors
NL Series NL2016 Type
For General Applications
SMD
FEATURES
• The NL series are available in five form factors ranging from
2016 to 5650.
• Utilizing a miniaturized winding structure, these products provide
high Q characteristics.
• Inductance tolerance is ±5 percent.
APPLICATIONS
Personal computers, hard disk drives, and other electronic equip-
ment.
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERING
FLOW SOLDERING
IRON SOLDERING
Perform soldering at 250°C on 30W max. within 5 seconds.
VAPOR-PHASING
FLUX AND CLEANING
Rosin-based flux is recommended.
Cleaning Conditions
PRODUCT IDENTIFICATION
(1)Series name
(2)Dimensions L
×W×T
(3)Packaging style
(4)Inductance value
(5)Inductance tolerance
PACKAGING STYLE AND QUANTITIES
Operating temperature range
–20 to +85°C
Storage temperature range
–40 to +85°C [Unit of products]
30s max.
Preheating: 120s
10s max.
100°C
200°C
230°C
150°C
Natural
cooling
Time(s)
Preheating: 120s
10s max.
100°C
260°C
150°C
Natural
cooling
Time(s)
Preheating: 120s
10s max.
100°C
215°C
220°C
150°C
Natural
cooling
30s max.
Time(s)
Solvent
Chlorine-based solvent
(Do not use acid or alkali solvents.)
Time
2min max.
201614
2.1
×1.6×1.4mm
252018
2.5
×2.0×1.8mm
322522
3.2
×2.5×2.2mm
453232
4.5
×3.2×3.2mm
565050
5.6
×5.0×5.0mm
T
Taping (reel)
1R0
1
µH
330
33
µH
J
±5%
K
±10%
Packaging style
Type
Quantity
Taping
NL201614T
2000 pieces/reel
NL252018T
2000 pieces/reel
NL322522T
2000 pieces/reel
NL453232T
500 pieces/reel
NL565050T
400 pieces/reel
NL
201614
T-
2R2
J
(1)
(2)
(3)
(4)
(5)


Similar Part No. - NL322522T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NL322522T TDK-NL322522T Datasheet
119Kb / 4P
   SMD
NL322522T-010X TDK-NL322522T-010X Datasheet
119Kb / 4P
   SMD
NL322522T-012X TDK-NL322522T-012X Datasheet
119Kb / 4P
   SMD
NL322522T-015X TDK-NL322522T-015X Datasheet
119Kb / 4P
   SMD
NL322522T-018X TDK-NL322522T-018X Datasheet
119Kb / 4P
   SMD
More results

Similar Description - NL322522T

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
BC818-40 MAKOSEMI-BC818-40 Datasheet
102Kb / 2P
   For general AF applications
BC818-25 MAKOSEMI-BC818-25 Datasheet
102Kb / 2P
   For general AF applications
BC818-16 MAKOSEMI-BC818-16 Datasheet
102Kb / 2P
   For general AF applications
logo
TDK Electronics
NLV32T-010J-PF TDK-NLV32T-010J-PF Datasheet
45Kb / 3P
   For General Applications SMD
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_11 Datasheet
522Kb / 7P
   For general AF applications
2011-10-05
BCV29 INFINEON-BCV29_11 Datasheet
522Kb / 7P
   For general AF applications
2011-10-05
logo
Vishay Siliconix
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
logo
TDK Electronics
NL4532 TDK-NL4532 Datasheet
88Kb / 3P
   For General Applications SMD
logo
Infineon Technologies A...
BCX68 INFINEON-BCX68_11 Datasheet
523Kb / 7P
   For general AF applications
2011-10-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com