Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM39LV80070D Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM39LV80070D
Description  8M Bits (512Kx16) Flash Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV80070D Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM39LV80070D Datasheet HTML 5Page - ELAN Microelectronics Corp EM39LV80070D Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV80070D Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV80070D Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV80070D Datasheet HTML 9Page - ELAN Microelectronics Corp EM39LV80070D Datasheet HTML 10Page - ELAN Microelectronics Corp EM39LV80070D Datasheet HTML 11Page - ELAN Microelectronics Corp EM39LV80070D Datasheet HTML 12Page - ELAN Microelectronics Corp EM39LV80070D Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 9 of 25
CFI Query Identification String*
Address
Data
Data
10H
0051H
11H
0052H
12H
0059H
Query Unique ASCII string “QRY”
13H
0001H
14H
0007H
Primary OEM command set
15H
0000H
16H
0000H
Address for Primary Extend Table
17H
0000H
18H
0000H
Alternate OEM command set (00H=none exists)
19H
0000H
1AH
0000H
Address for Alternate OEM extended Table (00H=none exists)
* Refer to CFI publication 100 for more details.
Table 4: CFI Query Identification String1
System Interface
Address
Data
Data
VDD Min (Program/Erase)
1BH
0027H
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1CH
0036H
VDD Max (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1DH
0000H
VPP min (00H=no VPP pin)
1EH
0000H
VPP max (00H=no VPP pin)
1FH
0004H
Typical time out for Word-Program 2
N µs (24=16µs)
20H
0000H
Typical time out for min size buffer program 2
N µs (00H=not supported)
21H
0004H
Typical time out for individual Sector/Block-Erase 2
N ms (24=16ms)
22H
0006H
Typical time out for Chip-Erase 2
N ms (26=64ms)
23H
0001H
Maximum time out for Word-Program 2
N times typical (21x24=32µs)
24H
0000H
Maximum time out for buffer Program 2
N times typical
25H
0001H
Maximum time out for individual Sector/Block-Erase 2
N times typical
(2
1x24=32ms)
26H
0001H
Maximum time out for Chip-Erase 2
N times typical (21x26=128ms)
Table 5: System Interface


Similar Part No. - EM39LV80070D

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RD EMC-EM39LV010-45RD Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RH EMC-EM39LV010-45RH Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RL EMC-EM39LV010-45RL Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RM EMC-EM39LV010-45RM Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
More results

Similar Description - EM39LV80070D

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV088 EMC-EM39LV088 Datasheet
271Kb / 22P
   8M Bits (1Mx8) Flash Memory
logo
Toshiba Semiconductor
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
   128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
logo
Sharp Corporation
LHF80V01 SHARP-LHF80V01 Datasheet
1Mb / 43P
   8M Flash Memory
LHF08S49 SHARP-LHF08S49 Datasheet
1Mb / 34P
   8M Flash Memory
LHF80V11 SHARP-LHF80V11 Datasheet
1Mb / 43P
   8M Flash Memory
logo
Toshiba Semiconductor
TC58FVT641 TOSHIBA-TC58FVT641 Datasheet
593Kb / 53P
   64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
logo
Samsung semiconductor
K5P2880YCM SAMSUNG-K5P2880YCM Datasheet
552Kb / 29P
   Multi-Chip Package MEMORY 128M Bit 16Mx8 Nand Flash Memory / 8M Bit 1Mx8/512Kx16 Full CMOS SRAM
logo
Sharp Corporation
LH28F800BJE-PTTLZ1 SHARP-LH28F800BJE-PTTLZ1 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com