Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES6139 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC100ES6139
Description  3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6139 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC100ES6139 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC100ES6139 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES6139 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6139 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6139 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6139 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6139 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6139 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC100ES6139 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Advanced Clock Drivers Device Data
4
Freescale Semiconductor
MC100ES6139
Table 4. Maximum Ratings(1)
1. Maximum Ratings are those values beyond which device damage may occur.
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
PECL Mode Power Supply
VEE = 0 V
3.9
V
VEE
ECL Mode Power Supply
VCC = 0 V
–3.9
V
VI
PECL Mode Input Voltage
ECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
3.9
–3.9
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
–40 to +85
°C
Tstg
Storage Temperature Range
–65 to +150
°C
θJA
Thermal Resistance (Junction-to-Ambient)
0 LFPM
500 LFPM
20 TSSOP
20 TSSOP
74
64
°C/W
°C/W
Table 5. DC Characteristics (VCC = 0 V, VEE = –3.8 V to –3.135 V or VCC = 3.135 V to 3.8 V, VEE = 0 V)(1)
1. MC100ES6139 circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
Symbol
Characteristic
–40
°C0°C to 85°C
Unit
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
35
60
35
60
mA
VOH
Output HIGH Voltage(2)
2. All loading with 50
Ω to VCC–2.0 volts.
VCC –1150 VCC –1020 VCC –800 VCC –1200 VCC –970 VCC –750
mV
VOL
Output LOW Voltage(2)
VCC –1950 VCC –1620 VCC –1250 VCC –2000 VCC –1680 VCC –1300
mV
VIH
Input HIGH Voltage (Single-Ended)
VCC –1165
VCC –880 VCC –1165
VCC –880
mV
VIL
Input LOW Voltage (Single-Ended)
VCC –1810
VCC –1475 VCC –1810
VCC –1475
mV
VBB
Output Reference Voltage
VCC –1400
VCC –1200 VCC –1400
VCC –1200
mV
VPP
Differential Input Voltage(3)
3. VPP (DC) is the minimum differential input voltage swing required to maintain device functionality.
0.12
1.3
0.12
1.3
V
VCMR Differential Cross Point Voltage(4)
4. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC)
range and the input swing lies within the VPP (DC) specification.
VEE +0.2
VCC –1.1
VEE +0.2
VCC –1.1
V
IIH
Input HIGH Current
150
150
µA
IIL
Input LOW Current
0.5
0.5
µA


Similar Part No. - MC100ES6139

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100ES6130 MOTOROLA-MC100ES6130 Datasheet
280Kb / 8P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
logo
Renesas Technology Corp
MC100ES6130 RENESAS-MC100ES6130 Datasheet
597Kb / 10P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
logo
Motorola, Inc
MC100ES6130DT MOTOROLA-MC100ES6130DT Datasheet
280Kb / 8P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
logo
Renesas Technology Corp
MC100ES6130DT RENESAS-MC100ES6130DT Datasheet
597Kb / 10P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
logo
Motorola, Inc
MC100ES6130DTR2 MOTOROLA-MC100ES6130DTR2 Datasheet
280Kb / 8P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
More results

Similar Description - MC100ES6139

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC100ES6039 FREESCALE-MC100ES6039 Datasheet
236Kb / 8P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
logo
ON Semiconductor
MC10EP139 ONSEMI-MC10EP139 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
164Kb / 12P
   2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
February, 2005 ??Rev. 7
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com