Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES7111 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC100ES7111
Description  LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100ES7111 Datasheet(HTML) 4 Page - Motorola, Inc

  MC100ES7111 Datasheet HTML 1Page - Motorola, Inc MC100ES7111 Datasheet HTML 2Page - Motorola, Inc MC100ES7111 Datasheet HTML 3Page - Motorola, Inc MC100ES7111 Datasheet HTML 4Page - Motorola, Inc MC100ES7111 Datasheet HTML 5Page - Motorola, Inc MC100ES7111 Datasheet HTML 6Page - Motorola, Inc MC100ES7111 Datasheet HTML 7Page - Motorola, Inc MC100ES7111 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100ES7111
MOTOROLA
TIMING SOLUTIONS
4
Table 5. DC Characteristics (VCC = 3.3V±5%, TJ = 0°C to + 110°C)a
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
Clock input pair CLK0, CLK0 (HSTL/LVDS differential signals)
VDIF
Differential input voltageb
0.2
V
VX, IN
Differential cross point voltagec
0.25
0.68 - 0.9
VCC-1.3
V
VIH
Input high voltage
VX+0.1
V
VIL
Input low voltage
VX-0.1
V
IIN
Input Current
±150
mA
VIN = VX ± 0.1V
Clock input pair CLK1, CLK1 (PECL differential signals)
VPP
Differential input voltaged
0.15
1.0
V
Differential operation
VCMR
Differential cross point voltagee
1.0
VCC-0.6
V
Differential operation
VIH
Input voltage high
VCC-1.165
VCC-0.880
V
VIL
Input voltage low
VCC-1.810
VCC-1.475
V
IIN
Input Currenta
±150
mA
VIN = VIH or VIN
LVCMOS control inputs OE, CLK_SEL
VIL
Input voltage low
0.8
V
VIH
Input voltage high
2.0
V
IIN
Input Current
±150
mA
VIN = VIH or VIN
LVDS clock outputs (Q[0-9], Q[0-9])
VPP
Output Differential Voltage (peak–to–peak)
250
mV
LVDS
VOS
Output Offset Voltage
1125
1275
mV
LVDS
Supply current
ICC
Maximum Quiescent Supply Current without
output termination current
TBD
TBD
mA
VCC pin (core)
a. DC characteristics are design targets and pending characterization.
b. VDIF (DC) is the minimum differential HSTL/LVDS input voltage swing required for device functionality.
c. VX (DC) is the crosspoint of the differential HSTL/LVDS input signal. Functional operation is obtained when the crosspoint is within the VX
(DC) range and the input swing lies within the VPP (DC) specification.
d. VPP (DC) is the minimum differential input voltage swing required to maintain device functionality.
e. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC)
range and the input swing lies within the VPP (DC) specification.


Similar Part No. - MC100ES7111

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6011D MOTOROLA-MC100ES6011D Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
Renesas Technology Corp
MC100ES6011D RENESAS-MC100ES6011D Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6011DR2 MOTOROLA-MC100ES6011DR2 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results

Similar Description - MC100ES7111

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MC100ES8014 IDT-MC100ES8014 Datasheet
496Kb / 7P
   Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
logo
Cypress Semiconductor
CY2DL1510 CYPRESS-CY2DL1510 Datasheet
371Kb / 15P
   1:10 Differential LVDS Fanout Buffer
logo
Renesas Technology Corp
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
   Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Freescale Semiconductor...
MC100ES6220 FREESCALE-MC100ES6220 Datasheet
296Kb / 12P
   Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
logo
Cypress Semiconductor
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
CY2DL1504_1105 CYPRESS-CY2DL1504_1105 Datasheet
315Kb / 14P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Renesas Technology Corp
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
   Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com