Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72311N4T6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST72311N4T6
Description  8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311N4T6 Datasheet(HTML) 5 Page - STMicroelectronics

  ST72311N4T6 Datasheet HTML 1Page - STMicroelectronics ST72311N4T6 Datasheet HTML 2Page - STMicroelectronics ST72311N4T6 Datasheet HTML 3Page - STMicroelectronics ST72311N4T6 Datasheet HTML 4Page - STMicroelectronics ST72311N4T6 Datasheet HTML 5Page - STMicroelectronics ST72311N4T6 Datasheet HTML 6Page - STMicroelectronics ST72311N4T6 Datasheet HTML 7Page - STMicroelectronics ST72311N4T6 Datasheet HTML 8Page - STMicroelectronics ST72311N4T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
5/94
ST72311
1.2 PIN DESCRIPTION
Figure 2. 64-Pin Thin QFP Package Pinout
Figure 3. 56-Pin Shrink DIP Package Pinout
Figure 4. 44-Pin Thin QFP Package Pinout
Figure 5. 42-Pin Shrink DIP Package Pinout
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24
29 30 31 32
25 26 27 28
PE4
PE5
PE6
PE7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
AIN0/PD0
AIN1/PD1
AIN2/PD2
AIN3/PD3
VSS_1
VDD_1
PA3
PA2
PA1
PA0
PC7/SS
PC6/SCK
PC5/MOSI
PC4/MISO
PC3/ICAP1_B
PC2/ICAP2_B
PC1/OCMP1_B
PC0/OCMP2_B
VSS_0
VDD_0
(EI0)
(EI0)
(EI0)
(EI0)
(EI2)
(EI2)
(EI2)
(EI2)
(EI3)
(EI3)
(EI3)
(EI3)
1. V
PP
on EPROM/OTP only
15 (EI1)
16 (EI1)
17 (EI1)
18
19
20
21
22
23
24
25
26
27
28
29
30
(EI0) 31
(EI0) 32
(EI0) 33
(EI0) 34
CLKOUT/PF0
PF1
PF2
OCMP1_A/PF4
ICAP1_A/PF6
PC1/OCMP1_B
PC2/ICAP2_B
EXTCLK_A/PF7
VDD_0
VSS_0
RESET
TEST/VPP
1)
PA7
PA6
PA5
PA2
PA1
PA0
PC7/SS
PC6/SCK
42
41
40
39
38
37
36
35
PC0/OCMP2_B
PC3/ICAP1_B
PC4/MISO
PC5/MOSI
PA4
VSS_1
VDD_1
PA3
1 (EI3)
2 (EI3)
3 (EI3)
4 (EI3)
5
6
7
8
9
10
11
12
13
14
43
44
45
46
47
48
PB4
PB5
PB6
PB7
AIN0/PD0
AIN5/PD5
AIN6/PD6
AIN1/PD1
AIN2/PD2
AIN3/PD3
PB3
PB2
PB1
PB0
PE7
PE0/TD0
VDD_2
OSCIN
OSCOUT
VSS_2
(EI2) 56
(EI2) 55
(EI2) 54
(EI2) 53
52
51
50
49
AIN4/PD4
AIN7/PD7
VDDA
VSSA
PE6
PE5
PE4
PE1/RDI
1. V
PP
on EPROM/OTP only
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
44 43 42 41 40 39 38 37 36 35 34
12 13 14 15 16 17 18 19 20 21 22
PC1/OCMP1_B
PC2/ICAP2_B
PC0/OCMP2_B
PC3/ICAP1_B
PC4/MISO
PC5/MOSI
PB4
AIN0/PD0
AIN1/PD1
AIN2/PD2
AIN3/PD3
AIN4/PD4
PC7/SS
PC6/SCK
VSS_1
VDD_1
PA3
PB3
PB2
PB1
PB0
PE1/RDI
(EI3)
(EI2)
(EI2)
(EI2)
(EI2)
(EI0)
1. V
PP
on EPROM/OTP only
15
16
17
18
19
20
21
CLKOUT/PF0
PF1
PF2
OCMP1_A/PF4
ICAP1_A/PF6
PC1/OCMP1_B
PC2/ICAP2_B
EXTCLK_A/PF7
RESET
TEST/VPP
1)
PA7
PA6
PA5
PC7/SS
PC6/SCK
28
27
26
25
24
23
22
PC0/OCMP2_B
PC3/ICAP1_B
PC4/MISO
PC5/MOSI
PA4
VSS_1
VDD_1
PA3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
29
30
31
32
33
34
PB4
AIN0/PD0
AIN5/PD5
AIN1/PD1
AIN2/PD2
AIN3/PD3
PB3
PB2
PB1
PB0
PE0/TD0
VDD_2
OSCIN
OSCOUT
VSS_2
42
41
40
39
38
37
36
35
AIN4/PD4
VDDA
VSSA
PE1/RDI
(EI3)
(EI1)
(EI1)
(EI1)
(EI0)
(EI2)
(EI2)
(EI2)
(EI2)
1. V
PP
on EPROM/OTP only
5


Similar Part No. - ST72311N4T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72311R STMICROELECTRONICS-ST72311R Datasheet
1Mb / 164P
   8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
ST72311R6 STMICROELECTRONICS-ST72311R6 Datasheet
1Mb / 164P
   8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
ST72311R6T1 STMICROELECTRONICS-ST72311R6T1 Datasheet
1Mb / 164P
   8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
ST72311R6T1S STMICROELECTRONICS-ST72311R6T1S Datasheet
1Mb / 164P
   8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
ST72311R6T3 STMICROELECTRONICS-ST72311R6T3 Datasheet
1Mb / 164P
   8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
More results

Similar Description - ST72311N4T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72E311 STMICROELECTRONICS-ST72E311 Datasheet
660Kb / 100P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
September 1999 Rev. 1.7
ST72E331 STMICROELECTRONICS-ST72E331 Datasheet
1Mb / 107P
   8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
ST72101 STMICROELECTRONICS-ST72101 Datasheet
531Kb / 84P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
September 1999 Rev. 1.7
ST72101 STMICROELECTRONICS-ST72101_01 Datasheet
885Kb / 85P
   8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
   8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
   8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
October 1997 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com