Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU26138 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU26138
Description  NJU26100 Series Hardware Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26138 Datasheet(HTML) 3 Page - New Japan Radio

  NJU26138 Datasheet HTML 1Page - New Japan Radio NJU26138 Datasheet HTML 2Page - New Japan Radio NJU26138 Datasheet HTML 3Page - New Japan Radio NJU26138 Datasheet HTML 4Page - New Japan Radio NJU26138 Datasheet HTML 5Page - New Japan Radio NJU26138 Datasheet HTML 6Page - New Japan Radio NJU26138 Datasheet HTML 7Page - New Japan Radio NJU26138 Datasheet HTML 8Page - New Japan Radio NJU26138 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NJU26100 Series
- 3 -
Ver.2005-02-24
1. Electric Characteristics
1.1 Absolute Maximum Ratings
Table1-1 Absolute Maximum Ratings (VSSO=VSSC=VSSR=0V, Ta=25°C)
Parameter
Symbol
Rating
Units
Supply Voltage
VDD
0 to 3.05
V
XI Input Voltage
Vx(OSC)
-0.3 to VDD
V
Input Pin Voltage
Vx(IN)
-0.3 to 3.6
V
Power Dissipation
PD
0.3
W
Storage Temperature
Tstg
-40 to +125
°C
*1 They apply SCL/SCK, AD1/SDIN, AD2/SSb, RESETb, SDI0, SDI1, SDI2, LRI, and BCKI pin. It applies to GPIO0
(SEL1) pin of NJU26100 series except NJU26150. However, it applies to SDA/SDOUT pin at the time of I2C
mode operation.


Similar Part No. - NJU26138

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
   Digital Audio Processor for TV
NJU26108 NJRC-NJU26108 Datasheet
222Kb / 6P
   SRS CSII 5.1 AND TruSurround XT Decoder
NJU26108FR1 NJRC-NJU26108FR1 Datasheet
222Kb / 6P
   SRS CSII 5.1 AND TruSurround XT Decoder
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
More results

Similar Description - NJU26138

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Hardware Specification
logo
NXP Semiconductors
MPC853TEC NXP-MPC853TEC Datasheet
1Mb / 88P
   MPC853T Hardware Specification
Rev. 1, 12/2004
logo
Rohm
BP35C2 ROHM-BP35C2 Datasheet
547Kb / 19P
   BP35C2 Hardware Specification
2018-10-29 Revision 1.0.0
logo
EPCOS
S1D13700F02A100 EPCOS-S1D13700F02A100 Datasheet
576Kb / 134P
   Hardware Functional Specification
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com