Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSDM0365RL Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSDM0365RL
Description  Green Mode Fairchild Power Switch (FPS TM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDM0365RL Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSDM0365RL Datasheet HTML 1Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 2Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 3Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 4Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 5Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 6Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 7Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 8Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.5
FPSTM is a trademark of Fairchild Semiconductor Corporation.
Features
• Internal Avalanche Rugged Sense FET
• Consumes only 0.65W at 240VAC & 0.3W load with
Advanced Burst-Mode Operation
• Frequency Modulation for EMI Reduction
• Precision Fixed Operating Frequency
• Internal Start-up Circuit
• Pulse-by-Pulse Current Limiting
• Abnormal Over Current Protection (AOCP)
• Over Voltage Protection (OVP)
• Over Load Protection (OLP)
• Internal Thermal Shutdown Function (TSD)
• Auto-Restart Mode
• Under Voltage Lockout (UVLO)
• Low Operating Current (max 3mA)
• Adjustable Peak Current Limit
• Built-in Soft Start
Applications
• SMPS for STB, Low cost DVD Player
• Auxiliary Power for PC
• Adapter & Charger
Related Application Notes
• AN-4137, 4141, 4147(Flyback) / AN-4134(Forward)
Description
Each product in the FSDx321 (x for H, L) family consists of
an integrated Pulse Width Modulator (PWM) and Sense
FET, and is specifically designed for high performance off-
line Switch Mode Power Supplies (SMPS) with minimal
external components. Both devices are integrated high volt-
age power switching regulators which combine an avalanche
rugged Sense FET with a current mode PWM control block.
The integrated PWM controller features include: a fixed
oscillator with frequency modulation for reduced EMI,
Under Voltage Lock Out (UVLO) protection, Leading Edge
Blanking (LEB), an optimized gate turn-on/turn-off driver,
Thermal Shut Down (TSD) protection, Abnormal Over Cur-
rent Protection (AOCP) and temperature compensated preci-
sion current sources for loop compensation and fault
protection circuitry. When compared to a discrete MOSFET
and controller or RCC switching converter solution, the
FSDx321 devices reduce total component count, design size,
weight while increasing efficiency, productivity and system
reliability. Both devices provide a basic platform that is well
suited for the design of cost-effective flyback converters.
Notes:
1. Typical continuous power in a non-ventilated enclosed
adapter with sufficient drain pattern as a heat sinker, at
50
°C ambient.
2. Maximum practical continuous power in an open frame
design with sufficient drain pattern as a heat sinker, at 50
°C
ambient.
3. 230 VAC or 100/115 VAC with doubler.
Typical Circuit
Figure 1. Typical Flyback Application
OUTPUT POWER TABLE
PRODUCT
230VAC
±15%(3)
85-265VAC
Adapt-
er(1)
Open
Frame(2)
Adapt-
er(1)
Open
Frame(2)
FSDL321
11W
17W
8W
12W
FSDH321
11W
17W
8W
12W
FSDL0165RN
13W
23W
11W
17W
FSDM0265RN
16W
27W
13W
20W
FSDH0265RN
16W
27W
13W
20W
FSDL0365RN
19W
30W
16W
24W
FSDM0365RN
19W
30W
16W
24W
FSDL321L
11W
17W
8W
12W
FSDH321L
11W
17W
8W
12W
FSDL0165RL
13W
23W
11W
17W
FSDM0265RL
16W
27W
13W
20W
FSDH0265RL
16W
27W
13W
20W
FSDL0365RL
19W
30W
16W
24W
FSDM0365RL
19W
30W
16W
24W
Drain
Source
Vstr
Vfb
Vcc
PWM
AC
IN
DC
OUT
Ipk
FSDH321, FSDL321
Green Mode Fairchild Power Switch (FPSTM)


Similar Part No. - FSDM0365RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSDM0365RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM311 FAIRCHILD-FSDM311_06 Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ0565RT FAIRCHILD-FSCQ0565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSQ211 FAIRCHILD-FSQ211 Datasheet
803Kb / 13P
   Green Mode Fairchild Power Switch (FPS TM)
FS7M0880 FAIRCHILD-FS7M0880 Datasheet
1Mb / 18P
   Fairchild Power Switch(FPS TM)
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com