Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU26198 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU26198
Description  NJU26100 Series Hardware Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26198 Datasheet(HTML) 5 Page - New Japan Radio

  NJU26198 Datasheet HTML 1Page - New Japan Radio NJU26198 Datasheet HTML 2Page - New Japan Radio NJU26198 Datasheet HTML 3Page - New Japan Radio NJU26198 Datasheet HTML 4Page - New Japan Radio NJU26198 Datasheet HTML 5Page - New Japan Radio NJU26198 Datasheet HTML 6Page - New Japan Radio NJU26198 Datasheet HTML 7Page - New Japan Radio NJU26198 Datasheet HTML 8Page - New Japan Radio NJU26198 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NJU26100 Series
- 5 -
Ver.2005-02-24
2. Clock and Reset
The NJU26100 Series XI pin requires the system clock that should be related to the sample frequency Fs. The
XI/XO pins can generate the system clock by connecting the crystal oscillator or the ceramic resonator.
When the external oscillator is connected to XI/XO pins, check the voltage level of the pins. Because the
maximum input voltage level of XI pin is deferent from the other input or bi-directional pins. The maximum
voltage-level of XI pin equals to VDD.
To initialize the NJU26100 Series, RESETb pin should be set Low level during some period. After some period of
Low level, RESETb pin should be High level. This procedure starts the initialization of the NJU26100 Series.
To select I2C bus or 4-Wire serial bus, some level should be supplied to GPIO0 pin (SEL1 pin). When GPIO0 pin
(SEL1 pin)=”Low”, I2C bus is selected. When GPIO0 pin (SEL1 pin)=”High”, 4-Wire serial bus is selected. The level
of GPIO0 pin (SEL1 pin) is checked by the NJU26100 Series in 1 m sec after RESETb pin level goes to “High”.
After the power supply and the oscillation of the NJU26100 Series becomes stable, RESETb pin should be kept
Low-level more than tRESETb period.
Fig. 2- 1 Reset Timing
Table 2- 1 Reset Time
Notice :
Please consult with manufacture of crystal oscillator / ceramic resonator enough in use of these parts.
NJRC would not take the responsibility on the external parts of clock generating.
Symbol
Time
tRESETb
≥1µs
OSC unstable
OSC stable
XI
VDD
RESETb
tRESETb


Similar Part No. - NJU26198

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
   Digital Audio Processor for TV
NJU26108 NJRC-NJU26108 Datasheet
222Kb / 6P
   SRS CSII 5.1 AND TruSurround XT Decoder
NJU26108FR1 NJRC-NJU26108FR1 Datasheet
222Kb / 6P
   SRS CSII 5.1 AND TruSurround XT Decoder
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
More results

Similar Description - NJU26198

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Hardware Specification
logo
NXP Semiconductors
MPC853TEC NXP-MPC853TEC Datasheet
1Mb / 88P
   MPC853T Hardware Specification
Rev. 1, 12/2004
logo
Rohm
BP35C2 ROHM-BP35C2 Datasheet
547Kb / 19P
   BP35C2 Hardware Specification
2018-10-29 Revision 1.0.0
logo
EPCOS
S1D13700F02A100 EPCOS-S1D13700F02A100 Datasheet
576Kb / 134P
   Hardware Functional Specification
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com