Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM3011NUC-TU Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APM3011NUC-TU
Description  N-Channel Enhancement Mode MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM3011NUC-TU Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APM3011NUC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APM3011NUC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APM3011NUC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APM3011NUC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APM3011NUC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APM3011NUC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APM3011NUC-TU Datasheet HTML 9Page - Anpec Electronics Coropration APM3011NUC-TU Datasheet HTML 10Page - Anpec Electronics Coropration APM3011NUC-TU Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Mar., 2002
APM3011N
www.anpec.com.tw
10
Application
A
B
C
J
T1
T2
W
P
E
TO-252
330
±3
100
± 2
13
± 0. 5
2
± 0.5
16.4 +0.3
-0.2
2.5
± 0.5
16 + 0.3
16 - 0.1
8
± 0.1
1.75
± 0.1
Application
F
D
D1
Po
P1
Ao
Bo
Ko
t
TO-252
7.5
± 0.1
1.5
± 0.1 1.5+ 0.25 4.0 ± 0.1 2.0 ± 0.1 6.8 ± 0.1 10.4± 0.1 2.5± 0.1
0.3
±0.05
Application
A
B
C
J
T1
T2
W
P
E
TO-263
380
±3
80
± 2
13
± 0. 5
2
± 0.5
24
± 42± 0.3
24 + 0.3
- 0.1
16
± 0.1 1.75± 0.1
Application
F
D
D1
Po
P1
Ao
Bo
Ko
t
TO-263
11.5
± 0.1 1.5 +0.1 1.5± 0.25 4.0 ± 0.1 2.0 ± 0.1 10.8 ± 0.1 16.1± 0.1 5.2± 0.1 0.35±0.013
(mm)
A
J
B
T2
T1
C
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Carrier Tape & Reel Dimension
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245°C,5 SEC
HOLT
MIL-STD 883D-1005.7
1000 Hrs Bias @ 125°C
PCT
JESD-22-B, A102
168 Hrs, 100% RH, 121°C
TST
MIL-STD 883D-1011.9
-65°C ~ 150°C, 200 Cycles
Reliability test program


Similar Part No. - APM3011NUC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM3011NUC-TU ANPEC-APM3011NUC-TU Datasheet
129Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM3011NUC-TUL ANPEC-APM3011NUC-TUL Datasheet
129Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM3011NUC-TU

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com