Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA-4Y7UW Datasheet(PDF) 2 Page - Yellow Stone Corp

Part # BA-4Y7UW
Description  LED LIGHT BAR & BAR GRAPH ARRAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BA-4Y7UW Datasheet(HTML) 2 Page - Yellow Stone Corp

  BA-4Y7UW Datasheet HTML 1Page - Yellow Stone Corp BA-4Y7UW Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AD-07
BA- 2x2UW
AD-08
BA- 8x6UW
AD-09
BA- 4x7UW
AD-10
BA- 4x7UW-A
AD-11
BA-4x7UW-B
AD-12
BA- 4x7UW-C
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
1
4
6
12.90(.508)
13.90(.547)
8.00(.315)
3.00(.118)
MIN.
7.50(.295)
6.50(.256)
3
NC: 2.
NP: 5.
E0.50 (.020)
5.08(.200)
PIN 1.
+
2.54x2=5.00(.197)
H
A
1
23
B
G
5
4
C
F
7
6
D
E
2.54x7=17.78(.700)
20.16(.794)
19.06(.750)
E0.50 (.020)
MIN.
3.00(.118)
16
14
15
11
12
13
10
10.00(.394)
8.90(.350)
8
9
7.62(.300)
6.15(.242)
+
PIN 1.
2
1
15.00(.590)
15.00(.590)
5.08(.200)
0.90(.035)
11.2(.441)
3.00(.118) MIN.
E0.50(.020)
PIN 1.
+
15.00(.590)
0.90(.035)
11.2(0.44)
E0.50(.020)
12 3
4
5
6
7
8
15.00(.590)
3.00(.118) MIN.
7.62(.300)
12.70(.500)
+
PIN 1.
2
1
PIN 1.
+
+
-
11.2(0.44)
E0.50(.020)
3.00(.118)MIN.
5.08(.200)
15.00(.590)
15.00(.590)
0.90(.035)
PIN 1.
+
2
15.00(.590)
E0.50(.020)
2.54(.10)
3.00(.118)MIN.
11.2(0.44)
1
0.90(.035)
15.00(.590)
-
+
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BA-4Y7UW

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BA-4Y7UW-A BRIGHT-BA-4Y7UW-A Datasheet
63Kb / 1P
   15.0 x 15.0mm LIGHT BAR
More results

Similar Description - BA-4Y7UW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA-10R1UD ETC-BA-10R1UD Datasheet
404Kb / 2P
   LED LIGHT BAR & BAR GRAPH ARRAYS
logo
Kingbright Corporation
DD-12HWB KINGBRIGHT-DD-12HWB Datasheet
124Kb / 4P
   12SEGMENT BAR GRAPH ARRAYS
logo
Lucky Light Electronic
KWL-401UX LUCKY-LIGHT-KWL-401UX Datasheet
44Kb / 1P
   Light Bar Graph Array Display
KWL-801UX LUCKY-LIGHT-KWL-801UX Datasheet
45Kb / 1P
   Light Bar Graph Array Display
KWL-1001UX LUCKY-LIGHT-KWL-1001UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
KWL-201UX LUCKY-LIGHT-KWL-201UX Datasheet
43Kb / 1P
   Light Bar Graph Array Display
logo
LIGITEK electronics co....
LBD1301-24S-XX LIGITEK-LBD1301-24S-XX Datasheet
141Kb / 8P
   BAR GRAPH LED DISPLAY
logo
Lucky Light Electronic
KWL-701UX LUCKY-LIGHT-KWL-701UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
logo
NTE Electronics
NTE3113 NTE-NTE3113 Datasheet
71Kb / 2P
   Bar Graph Display
logo
P-tec Corporation
PB65-BGA10G13 P-TEC-PB65-BGA10G13 Datasheet
30Kb / 1P
   LED Rectangular Bar Graph Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com