Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7N0310LM Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # H7N0310LM
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N0310LM Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button H7N0310LM Datasheet HTML 2Page - Renesas Technology Corp H7N0310LM Datasheet HTML 3Page - Renesas Technology Corp H7N0310LM Datasheet HTML 4Page - Renesas Technology Corp H7N0310LM Datasheet HTML 5Page - Renesas Technology Corp H7N0310LM Datasheet HTML 6Page - Renesas Technology Corp H7N0310LM Datasheet HTML 7Page - Renesas Technology Corp H7N0310LM Datasheet HTML 8Page - Renesas Technology Corp H7N0310LM Datasheet HTML 9Page - Renesas Technology Corp H7N0310LM Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
H7N0310LD, H7N0310LS, H7N0310LM
Rev.3, Aug. 2002, page 4 of 4
Main Characteristics
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
50
40
30
20
10
0
24
6
8
10
50
40
30
20
10
0
12
3
4
5
Tc = 75
°C
25
°C
−25°C
100
10
1
0.1
0.01
0.1
0.3
1
3
10
30
100
V
= 10 V
Pulse Test
DS
500
Tc = 25
°C
1 shot Pulse
PW
=
10
ms
10
µs
100
µs
Operation in
this area is
limited by R DS(on)
DC
Operation
1 ms
V
= 3 V
GS
10 V
6 V
Pulse Test
4 V
80
60
40
20
0
50
100
150
200
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
3.5 V


Similar Part No. - H7N0310LM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0310LM RENESAS-H7N0310LM Datasheet
105Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LMTL-E RENESAS-H7N0310LMTL-E Datasheet
105Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H7N0310LM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com