Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7N0310LM Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # H7N0310LM
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H7N0310LM Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button H7N0310LM Datasheet HTML 3Page - Renesas Technology Corp H7N0310LM Datasheet HTML 4Page - Renesas Technology Corp H7N0310LM Datasheet HTML 5Page - Renesas Technology Corp H7N0310LM Datasheet HTML 6Page - Renesas Technology Corp H7N0310LM Datasheet HTML 7Page - Renesas Technology Corp H7N0310LM Datasheet HTML 8Page - Renesas Technology Corp H7N0310LM Datasheet HTML 9Page - Renesas Technology Corp H7N0310LM Datasheet HTML 10Page - Renesas Technology Corp H7N0310LM Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
H7N0310LD, H7N0310LS, H7N0310LM
Rev.3, Aug. 2002, page 5 of 5
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
0.5
0.4
0.3
0.2
0.1
0
4
8
12
16
20
20
10
2
5
1
0.5
2
5
20
50
40
32
24
16
8
−40
0
40
80
120
160
0
Pulse Test
I
= 20 A
D
5 A
10 A
0.1
1
10
100
0.2
100
50
V
= 5 V
GS
10 V
Pulse Test
I
= 5 A, 10 A
D
5 A, 10 A, 20 A
V
= 5 V
GS
10 V
Pulse Test
330
0.1
1
10
100
0.3
10
100
30
1
0.3
3
0.1
Tc =
−25°C
DS
V
= 10 V
Pulse Test
75
°C
25
°C
20 A


Similar Part No. - H7N0310LM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0310LM RENESAS-H7N0310LM Datasheet
105Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LMTL-E RENESAS-H7N0310LMTL-E Datasheet
105Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H7N0310LM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com