Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4H561638D-TCC4 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4H561638D-TCC4
Description  256Mb D-die DDR400 SDRAM Specification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H561638D-TCC4 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4H561638D-TCC4 Datasheet HTML 7Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 8Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 9Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 10Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 11Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 12Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 13Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 14Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DDR SDRAM
DDR SDRAM 256Mb D-die (x8, x16)
Rev. 1.1 Feb. 2003
DDR SDRAM IDD spec table
(VDD=2.7V, T = 10°C)
Symbol
32Mx8
16Mx16
Unit
Notes
- CC(DDR400@CL=3) - C4(DDR400@CL=3) - CC(DDR400@CL=3) - C4(DDR400@CL=3)
IDD0
105
100
110
105
mA
IDD1
130
130
150
145
mA
IDD2P
4
4
4
4
mA
IDD2F
303030
30
mA
IDD2Q
252525
25
mA
IDD3P
555555
55
mA
IDD3N
75
75
75
75
mA
IDD4R
185
185
220
220
mA
IDD4W
220
220
250
250
mA
IDD5
200
200
200
200
mA
IDD6
Normal
33
33
mA
Low power
1.5
1.5
1.5
1.5
mA
Optional
IDD7A
350
350
380
380
mA
< Detailed test conditions for DDR SDRAM IDD1 & IDD7A >
IDD1 : Operating current: One bank operation
1. Only one bank is accessed with tRC(min), Burst Mode, Address and Control inputs change logic state once per Deselect cycle.
Iout = 0mA
2. Timing patterns
- CC/C4(200Mhz,CL=3) : tCK=5ns, CL=3, BL=4, tRCD=3*tCK(CC) 4*tCK(C4), tRC=11*tCK(CC) 12*tCK(C4), tRAS=8*tCK
Setup : A0 N N R0 N N N N P0 N N
Read : A0 N N R0 N N N N P0 N N - repeat the same timing with random address changing
*50% of data changing at every transfer
IDD7A : Operating current: Four bank operation
1. Four banks are being interleaved with tRC(min), Burst Mode, Address and Control inputs on Deselet edge are not changing.
Iout = 1mA
2. Timing patterns
- CC/C4(200Mhz,CL=3) : tCK=5ns, CL=3, BL=4, tRCD=3*tCK(CC) 4*tCK(C4), tRC=11*tCK(CC) 12*tCK(C4), tRAS=8*tCK
Setup : A0 N A1 RA0 A2 RA1 A3 RA2 N RA3 N N
Read : A0 N A1 RA0 A2 RA1 A3 RA2 N RA3 N N - repeat the same timing with random address changing
*50% of data changing at every transfer
Legend : A = Activate, R=Read, W=Write, P=Precharge, N=NOP


Similar Part No. - K4H561638D-TCC4

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H561638D-TC/LA0 SAMSUNG-K4H561638D-TC/LA0 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LA2 SAMSUNG-K4H561638D-TC/LA2 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LB0 SAMSUNG-K4H561638D-TC/LB0 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LB3 SAMSUNG-K4H561638D-TC/LB3 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TCA0 SAMSUNG-K4H561638D-TCA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
More results

Similar Description - K4H561638D-TCC4

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560838F-TC SAMSUNG-K4H560838F-TC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4H560838F-UC SAMSUNG-K4H560838F-UC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4S560432E-TC SAMSUNG-K4S560432E-TC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification
K4S560432J SAMSUNG-K4S560432J Datasheet
297Kb / 15P
   256Mb J-die SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H561638F-UC SAMSUNG-K4H561638F-UC Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H560438J SAMSUNG-K4H560438J Datasheet
364Kb / 24P
   256Mb J-die DDR SDRAM Specification
K4T56163QI SAMSUNG-K4T56163QI Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
K4H560438H SAMSUNG-K4H560438H Datasheet
367Kb / 24P
   256Mb H-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com