Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1789-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1789-1
Description  Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1789-1 Datasheet(HTML) 3 Page - Linear Technology

  LT1789-1 Datasheet HTML 1Page - Linear Technology LT1789-1 Datasheet HTML 2Page - Linear Technology LT1789-1 Datasheet HTML 3Page - Linear Technology LT1789-1 Datasheet HTML 4Page - Linear Technology LT1789-1 Datasheet HTML 5Page - Linear Technology LT1789-1 Datasheet HTML 6Page - Linear Technology LT1789-1 Datasheet HTML 7Page - Linear Technology LT1789-1 Datasheet HTML 8Page - Linear Technology LT1789-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LT1789-1/LT1789-10
1789f
VS = 3V, 0V; VS = 5V, 0V; RL = 20k, VCM = VREF = half supply, TA = 25°C, unless otherwise noted.
3V and 5V ELECTRICAL CHARACTERISTICS
LT1789-1
LT1789-10
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Total RTI Noise =
√eni2 + (eno/G)2
eni
Input Noise Voltage Density,
fO = 1kHz (Note 7)
48
85
52
90
nV/
√Hz
RTI
eno
Output Noise Voltage Density,
fO = 1kHz (Note 3)
330
270
nV/
√Hz
RTI
in
Input Noise Current
fO = 0.1Hz to 10Hz
16
16
pAP-P
Input Noise Current Density
fO = 1kHz
62
62
fA/
√Hz
RIN
Input Resistance
VIN = 0V to (+VS) – 1V (Note 6)
0.75
1.6
0.75
1.6
G
CIN
Input Capacitance
Differential
1.6
1.6
pF
Common Mode
1.6
1.6
pF
VCM
Input Voltage Range
0
+VS – 1
0
+VS – 1.2
V
CMRR
Common Mode Rejection Ratio 1k Source Imbalance, (Note 6)
LT1789-1,VCM = 0V to (+VS)–1V
LT1789-10, VCM = 0V to (+VS)–1.2V
G = 1
79
88
dB
G = 10
96
106
88
105
dB
G = 100
100
114
98
113
dB
G = 1000
100
114
98
113
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V, VCM = VREF = 1V
G = 1
90
100
dB
G = 10
100
113
94
109
dB
G = 100
102
116
102
120
dB
G = 1000
102
116
102
120
dB
Minimum Supply Voltage
2.2
2.5
2.2
2.5
V
IS
Supply Current
(Note 7)
67
95
67
95
µA
VOL
Output Voltage Swing LOW
(Note 7)
54
100
62
110
mV
VOH
Output Voltage Swing HIGH
(Note 7)
+VS – 0.3 +VS – 0.19
+VS – 0.3 +VS – 0.19
V
ISC
Short-Circuit Current
Short to GND
2.2
2.2
mA
Short to +VS
8.5
8.5
mA
BW
Bandwidth
G = 1
60
kHz
G = 10
30
25
kHz
G = 100
3
12
kHz
G = 1000
0.2
1.5
kHz
SR
Slew Rate
G = 10, VOUT = 0.5V to 4.5V
0.023
0.062
V/
µs
Settling Time to 0.01%
4V Step
240
190
µs
RREFIN
Reference Input Resistance
220
220
k
IREFIN
Reference Input Current
VREF = 0V
2.7
2.7
µA
AVREF
Reference Gain to Output
1
±0.0001
1
±0.0001


Similar Part No. - LT1789-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results

Similar Description - LT1789-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com