Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4H561638D-GCB3 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4H561638D-GCB3
Description  DDR 256Mb
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H561638D-GCB3 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4H561638D-GCB3 Datasheet HTML 6Page - Samsung semiconductor K4H561638D-GCB3 Datasheet HTML 7Page - Samsung semiconductor K4H561638D-GCB3 Datasheet HTML 8Page - Samsung semiconductor K4H561638D-GCB3 Datasheet HTML 9Page - Samsung semiconductor K4H561638D-GCB3 Datasheet HTML 10Page - Samsung semiconductor K4H561638D-GCB3 Datasheet HTML 11Page - Samsung semiconductor K4H561638D-GCB3 Datasheet HTML 12Page - Samsung semiconductor K4H561638D-GCB3 Datasheet HTML 13Page - Samsung semiconductor K4H561638D-GCB3 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
- 10 -
K4H560438D
DDR SDRAM
Rev. 2.2 Mar. ’03
Notes 1. Includes
± 25mV margin for DC offset on VREF, and a combined total of ± 50mV margin for all AC noise and DC offset on
VREF, bandwidth limited to 20MHz. The DRAM must accommodate DRAM current spikes on VREF and internal DRAM noise
coupled TO VREF, both of which may result in VREF noise. VREF should be de-coupled with an inductance of
≤ 3nH.
2. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to
VREF, and must track variations in the DC level of VREF
3. VID is the magnitude of the difference between the input level on CK and the input level on CK.
4. These parameters should be tested at the pin on actual components and may be checked at either the pin or the pad in
simulation. The AC and DC input specifications are relative to a VREF envelop that has been bandwidth limited to 200MHZ.
5. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the dc level of the same.
DDR SDRAM IDD spec table
AC Operating Conditions
Parameter/Condition
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH(AC)
VREF + 0.31
V
3
Input Low (Logic 0) Voltage, DQ, DQS and DM signals.
VIL(AC)
VREF - 0.31
V
3
Input Differential Voltage, CK and CK inputs
VID(AC)
0.7
VDDQ+0.6
V
1
Input Crossing Point Voltage, CK and CK inputs
VIX(AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
Note 1. VID is the magnitude of the difference between the input level on CK and the input on CK.
2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of the same.
3. These parameters should be tested at the pim on actual components and may be checked at either the pin or the pad in simu
lation. the AC and DC input specificatims are refation to a Vref envelope that has been bandwidth limited 20MHz.
(VDD=2.7V, T = 10°C)
Parameter
Specification
Address &
Control pins
Data pins
Maximum peak amplitude allowed for overshoot
1.6 V
1.2V
Maximum peak amplitude allowed for undershoot
1.6 V
1.2V
The area between the overshoot signal and VDD must be less than or equal to
4.5 V-ns
2.5 V-ns
The area between the undershoot signal and GND must be less than or equal to
4.5 V-ns
2.5 V-ns
Overshoot/Undershoot specification
Symbol
64Mx4
Unit
Notes
K4H560438D-GC(L)B3
(DDR333)
K4H560438D-GC(L)A2,B0
(DDR266A/B)
IDD0
90
80
mA
IDD1
110
100
mA
IDD2P
3
3
mA
IDD2F
25
20
mA
IDD2Q
20
18
mA
IDD3P
35
30
mA
IDD3N
55
45
mA
IDD4R
150
120
mA
IDD4W
160
135
mA
IDD5
180
165
mA
IDD6
Normal
3
3
mA
Low power
1.5
1.5
mA
Optional
IDD7A
290
250
mA


Similar Part No. - K4H561638D-GCB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H561638D-TC/LA0 SAMSUNG-K4H561638D-TC/LA0 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LA2 SAMSUNG-K4H561638D-TC/LA2 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LB0 SAMSUNG-K4H561638D-TC/LB0 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LB3 SAMSUNG-K4H561638D-TC/LB3 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TCA0 SAMSUNG-K4H561638D-TCA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
More results

Similar Description - K4H561638D-GCB3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
H5DU2562GTR HYNIX-H5DU2562GTR Datasheet
381Kb / 28P
   256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
logo
List of Unclassifed Man...
EM42AM1684RTA-75L ETC1-EM42AM1684RTA-75L Datasheet
288Kb / 24P
   256Mb DDR SDRAM
logo
Hynix Semiconductor
HY5DU561622EFP HYNIX-HY5DU561622EFP Datasheet
253Kb / 29P
   256Mb DDR SDRAM
HY5DU561622FLFP-D5I HYNIX-HY5DU561622FLFP-D5I Datasheet
322Kb / 27P
   256Mb DDR SDRAM
H5DU2562GFR-FAC HYNIX-H5DU2562GFR-FAC Datasheet
500Kb / 28P
   256Mb DDR SDRAM
H5DU2562GFR-FAI HYNIX-H5DU2562GFR-FAI Datasheet
500Kb / 28P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com