Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI7610LQFP Datasheet(PDF) 11 Page - Texas Instruments

Part # PCI7610LQFP
Description  PC Card, UltraMedia, and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
Download  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7610LQFP Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCI7610LQFP Datasheet HTML 7Page - Texas Instruments PCI7610LQFP Datasheet HTML 8Page - Texas Instruments PCI7610LQFP Datasheet HTML 9Page - Texas Instruments PCI7610LQFP Datasheet HTML 10Page - Texas Instruments PCI7610LQFP Datasheet HTML 11Page - Texas Instruments PCI7610LQFP Datasheet HTML 12Page - Texas Instruments PCI7610LQFP Datasheet HTML 13Page - Texas Instruments PCI7610LQFP Datasheet HTML 14Page - Texas Instruments PCI7610LQFP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 240 page
background image
xi
List of Tables
Table
Title
Page
1−1
Terms and Definitions
1−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−1
Signal Names by PDV Terminal Number
2−3
. . . . . . . . . . . . . . . . . . . . . . . . . . .
2−2
Signal Names by GHK Terminal Number
2−5
. . . . . . . . . . . . . . . . . . . . . . . . . . .
2−3
CardBus PC Card Signal Names Sorted Alphabetically
2−7
. . . . . . . . . . . . . .
2−4
16-Bit PC Card Signal Names Sorted Alphabetically
2−9
. . . . . . . . . . . . . . . . .
2−5
Power Supply Terminals
2−11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−6
PC Card Power Switch Terminals
2−11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−7
PCI System Terminals
2−11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−8
PCI Address and Data Terminals
2−12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−9
PCI Interface Control Terminals
2−13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−10
Multifunction and Miscellaneous Terminals
2−14
. . . . . . . . . . . . . . . . . . . . . . . . .
2−11
16-Bit PC Card Address and Data Terminals
2−15
. . . . . . . . . . . . . . . . . . . . . . .
2−12
16-Bit PC Card Interface Control Terminals
2−16
. . . . . . . . . . . . . . . . . . . . . . . . .
2−13
CardBus PC Card Interface System Terminals
2−17
. . . . . . . . . . . . . . . . . . . . . .
2−14
CardBus PC Card Address and Data Terminals
2−18
. . . . . . . . . . . . . . . . . . . . .
2−15
CardBus PC Card Interface Control Terminals
2−19
. . . . . . . . . . . . . . . . . . . . . .
2−16
IEEE 1394 Physical Layer Terminals
2−20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−17
Power Supply Terminals
2−20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−18
UltraMedia Dedicated Socket Terminals
2−21
. . . . . . . . . . . . . . . . . . . . . . . . . . .
3−1
PCI Bus Master Command Support
3−4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−2
PC Card—Card Detect and Voltage Sense Connections
3−7
. . . . . . . . . . . . .
3−3
TPS2221 Control Logic
3−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−4
TPS2211A Control Logic
3−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−5
Functionality of the ZV Output Signals
3−10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−6
Terminals With Integrated Pullup Resistors
3−11
. . . . . . . . . . . . . . . . . . . . . . . . .
3−7
CardBus Socket Registers
3−12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−8
Firmware Loader I/O Register Map
3−13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−9
Firmware Loader Control Register Description
3−14
. . . . . . . . . . . . . . . . . . . . . .
3−10
PCI7610 Registers Used to Program Serial-Bus Devices
3−14
. . . . . . . . . . . . .
3−11
EEPROM Loading Map
3−17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−12
Interrupt Mask and Flag Registers
3−19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−13
PC Card Interrupt Events and Description
3−20
. . . . . . . . . . . . . . . . . . . . . . . . . .
3−14
Interrupt Pin Register Cross Reference
3−22
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−15
SMI Control
3−22
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−16
Requirements for Internal/External 1.8-V Core Power Supply
3−24
. . . . . . . . .
3−17
Power-Management Registers
3−27
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−18
Function 2 Power-Management Registers
3−27
. . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - PCI7610LQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI7610 TI1-PCI7610 Datasheet
129Kb / 6P
[Old version datasheet]   PC Card, UltraMedia?
PCI7610GHK TI1-PCI7610GHK Datasheet
129Kb / 6P
[Old version datasheet]   PC Card, UltraMedia?
PCI7610 TI1-PCI7610_10 Datasheet
129Kb / 6P
[Old version datasheet]   PC Card, UltraMedia?
More results

Similar Description - PCI7610LQFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI7410 TI-PCI7410 Datasheet
41Kb / 4P
[Old version datasheet]   PC Card, UltraMedia and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510 TI-PCI4510 Datasheet
1Mb / 220P
[Old version datasheet]   PC CARD AND INTEGRATED 1394A-2000 OHCI TWO PORT PHY/LINK LAYER CONTROLLER
PCI4510A TI-PCI4510A Datasheet
219Kb / 7P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4510RGVF TI1-PCI4510RGVF Datasheet
67Kb / 5P
[Old version datasheet]   PC Card and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PCI4520 TI1-PCI4520_09 Datasheet
226Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer
PCI4520 TI-PCI4520 Datasheet
1Mb / 211P
[Old version datasheet]   DUAL-SOCKET PC CARD AND INTEGRATED 1394A-2000 OHCI TWO-PORT PHY/LINK-LAYER CONTROLLER
TSB43AB22A TI-TSB43AB22A Datasheet
518Kb / 112P
[Old version datasheet]   INTEGRATED 1394A-2000 OHCI PHY/LINK-LAYER CONTROLLER
TSB43AB21A TI-TSB43AB21A Datasheet
557Kb / 116P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AB22 TI1-TSB43AB22_14 Datasheet
99Kb / 7P
[Old version datasheet]   Integrated 1394a-2000 OHCI PHY/Link-Layer Controller
TSB43AA22 TI-TSB43AA22 Datasheet
442Kb / 100P
[Old version datasheet]   INTEGRATED 1394A 2000 OHCI PHY LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com