Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6900CS5 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6900CS5
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900CS5 Datasheet(HTML) 3 Page - Linear Technology

  LTC6900CS5 Datasheet HTML 1Page - Linear Technology LTC6900CS5 Datasheet HTML 2Page - Linear Technology LTC6900CS5 Datasheet HTML 3Page - Linear Technology LTC6900CS5 Datasheet HTML 4Page - Linear Technology LTC6900CS5 Datasheet HTML 5Page - Linear Technology LTC6900CS5 Datasheet HTML 6Page - Linear Technology LTC6900CS5 Datasheet HTML 7Page - Linear Technology LTC6900CS5 Datasheet HTML 8Page - Linear Technology LTC6900CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC6900
3
6900f
VOH
High Level Output Voltage (Note 5)
V+ = 5V
IOH = – 1mA
q
4.8
4.95
V
IOH = – 4mA
q
4.5
4.8
V
V+ = 3V
IOH = – 1mA
q
2.7
2.9
V
IOH = – 4mA
q
2.2
2.6
V
VOL
Low Level Output Voltage (Note 5)
V+ = 5V
IOL = 1mA
q
0.05
0.15
V
IOL = 4mA
q
0.2
0.4
V
V+ = 3V
IOL = 1mA
q
0.1
0.3
V
IOL = 4mA
q
0.4
0.7
V
tr
OUT Rise Time
V+ = 5V
Pin 4 = V+ or Floating, RL = ∞
14
ns
(Note 6)
Pin 4 = 0V, RL = ∞
7ns
V+ = 3V
Pin 4 = V+ or Floating, RL = ∞
19
ns
Pin 4 = 0V, RL = ∞
11
ns
tf
OUT Fall Time
V+ = 5V
Pin 4 = V+ or Floating, RL = ∞
13
ns
(Note 6)
Pin 4 = 0V, RL = ∞
6ns
V+ = 3V
Pin 4 = V+ or Floating, RL = ∞
19
ns
Pin 4 = 0V, RL = ∞
10
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 2.7V to 5.5V, RL= 5k, CL = 5pF, Pin 4 = V+ unless otherwise noted.
All voltages are with respect to GND.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Frequencies near 100kHz and 1MHz may be generated using two
different values of RSET (see the Selecting the Divider Setting Resistor
paragraph in the Applications Information section). For these frequencies,
the error is specified under the following assumption: 20k < RSET ≤ 200k.
Note 3: Frequency accuracy is defined as the deviation from the
fOSC equation.
Note 4: Jitter is the ratio of the peak-to-peak distribution of the period to
the mean of the period. This specification is based on characterization and
is not 100% tested. Also, see the Peak-to-Peak Jitter vs Output Frequency
curve in the Typical Performance Characteristics section.
Note 5: To conform with the Logic IC Standard convention, current out of
a pin is arbitrarily given as a negative value.
Note 6: Output rise and fall times are measured between the 10% and
90% power supply levels. These specifications are based on
characterization.
Note 7: Guaranteed by 5V test.
Note 8: The LTC6900C is guaranteed to meet specified performance from
0
°C to 70°C. The LTC6900C is designed, characterized and expected to
meet specified performance from – 40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LTC6900I is guaranteed to meet
specified performance from – 40
°C to 85°C.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC6900CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6900 LINER-LTC6900 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6900 LINER-LTC6900 Datasheet
165Kb / 12P
   Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
logo
Analog Devices
LTC6900 AD-LTC6900 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6900 AD-LTC6900 Datasheet
755Kb / 28P
   TimerBlox: Delay Block/ Debouncer
logo
Linear Technology
LTC6900 LINER-LTC6900_15 Datasheet
165Kb / 12P
   Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
More results

Similar Description - LTC6900CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6900 LINER-LTC6900_15 Datasheet
165Kb / 12P
   Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LT1799 LINER-LT1799 Datasheet
120Kb / 4P
   1kHz to 30MHz Resistor Set SOT-23 Oscillator
LTC1799 LINER-LTC1799_15 Datasheet
242Kb / 14P
   1kHz to 33MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905 Datasheet
119Kb / 8P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905_15 Datasheet
176Kb / 12P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6907 LINER-LTC6907_15 Datasheet
176Kb / 12P
   Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
LTC6906 LINER-LTC6906_15 Datasheet
174Kb / 14P
   Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6906 LINER-LTC6906 Datasheet
173Kb / 12P
   Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907 Datasheet
170Kb / 12P
   Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com