Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6900IS5 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6900IS5
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900IS5 Datasheet(HTML) 5 Page - Linear Technology

  LTC6900IS5 Datasheet HTML 1Page - Linear Technology LTC6900IS5 Datasheet HTML 2Page - Linear Technology LTC6900IS5 Datasheet HTML 3Page - Linear Technology LTC6900IS5 Datasheet HTML 4Page - Linear Technology LTC6900IS5 Datasheet HTML 5Page - Linear Technology LTC6900IS5 Datasheet HTML 6Page - Linear Technology LTC6900IS5 Datasheet HTML 7Page - Linear Technology LTC6900IS5 Datasheet HTML 8Page - Linear Technology LTC6900IS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC6900
5
6900f
PI FU CTIO S
V+ (Pin 1): Voltage Supply (2.7V
≤ V+ ≤ 5.5V). This supply
must be kept free from noise and ripple. It should be
bypassed directly to a ground plane with a 0.1
µFcapacitor.
GND (Pin 2): Ground. Should be tied to a ground plane for
best performance.
SET (Pin 3): Frequency-Setting Resistor Input. The value
of the resistor connected between this pin and V+ deter-
mines the oscillator frequency. The voltage on this pin is
held by the LTC6900 to approximately 1.1V below the V+
voltage. For best performance, use a precision metal film
resistor with a value between 10k
Ω and 2MΩ and limit the
capacitance on this pin to less than 10pF.
DIV (Pin 4): Divider-Setting Input. This three-state input
selects among three divider settings, determining the
value of N in the frequency equation. Pin 4 should be tied
to GND for the
÷1 setting, the highest frequency range.
Floating Pin 4 divides the master oscillator by 10. Pin 4
should be tied to V+ for the
÷100 setting, the lowest
frequency range. To detect a floating DIV pin, the LTC6900
attempts to pull the pin toward midsupply. Therefore,
driving the DIV pin high requires sourcing approximately
2
µA. Likewise, driving DIV low requires sinking 2µA.
When Pin 4 is floated, it should preferably be bypassed by
a 1nF capacitor to ground or it should be surrounded by a
ground shield to prevent excessive coupling from other
PCB traces.
OUT (Pin 5): Oscillator Output. This pin can drive 5k
and/or 10pF loads. Heavier loads may cause inaccuracies
due to supply bounce at high frequencies. Voltage tran-
sients, coupled into Pin 5, above or below the LTC6900
power supplies will not cause latchup if the current into/
out of the OUT pin is limited to 50mA.
BLOCK DIAGRA
+
1
3
GAIN = 1
V+
VBIAS
IRES
IRES
RSET
SET
GND
PATENT PENDING
MASTER OSCILLATOR
PROGRAMMABLE
DIVIDER (N)
(
÷1, 10 OR 100)
VRES = (V
+ – V
SET) = 1.1V TYPICALLY
IRES
(V+ – VSET)
ƒMO = 10MHz • 20kΩ •
THREE-STATE
INPUT DETECT
GND
V+
2
µA
6900 BD
2
µA
OUT
DIVIDER
SELECT
5
DIV
4
2
+
+


Similar Part No. - LTC6900IS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6900 LINER-LTC6900 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6900 LINER-LTC6900 Datasheet
165Kb / 12P
   Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
logo
Analog Devices
LTC6900 AD-LTC6900 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6900 AD-LTC6900 Datasheet
755Kb / 28P
   TimerBlox: Delay Block/ Debouncer
logo
Linear Technology
LTC6900 LINER-LTC6900_15 Datasheet
165Kb / 12P
   Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
More results

Similar Description - LTC6900IS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6900 LINER-LTC6900_15 Datasheet
165Kb / 12P
   Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LT1799 LINER-LT1799 Datasheet
120Kb / 4P
   1kHz to 30MHz Resistor Set SOT-23 Oscillator
LTC1799 LINER-LTC1799_15 Datasheet
242Kb / 14P
   1kHz to 33MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905 Datasheet
119Kb / 8P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905_15 Datasheet
176Kb / 12P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6907 LINER-LTC6907_15 Datasheet
176Kb / 12P
   Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
LTC6906 LINER-LTC6906_15 Datasheet
174Kb / 14P
   Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6906 LINER-LTC6906 Datasheet
173Kb / 12P
   Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907 Datasheet
170Kb / 12P
   Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com