Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBF0201NLT1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MMBF0201NLT1
Description  Power MOSFET 300 mAmps, 20 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF0201NLT1 Datasheet(HTML) 8 Page - ON Semiconductor

  MMBF0201NLT1 Datasheet HTML 1Page - ON Semiconductor MMBF0201NLT1 Datasheet HTML 2Page - ON Semiconductor MMBF0201NLT1 Datasheet HTML 3Page - ON Semiconductor MMBF0201NLT1 Datasheet HTML 4Page - ON Semiconductor MMBF0201NLT1 Datasheet HTML 5Page - ON Semiconductor MMBF0201NLT1 Datasheet HTML 6Page - ON Semiconductor MMBF0201NLT1 Datasheet HTML 7Page - ON Semiconductor MMBF0201NLT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MMBF0201NLT1
http://onsemi.com
8
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes
without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability,
including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be
validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others.
SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or
death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold
SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable
attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
CENTRAL/SOUTH AMERICA:
Spanish Phone: 303–308–7143 (Mon–Fri 8:00am to 5:00pm MST)
Email: ONlit–spanish@hibbertco.com
Toll–Free from Mexico: Dial 01–800–288–2872 for Access –
then Dial 866–297–9322
ASIA/PACIFIC: LDC for ON Semiconductor – Asia Support
Phone: 303–675–2121 (Tue–Fri 9:00am to 1:00pm, Hong Kong Time)
Toll Free from Hong Kong & Singapore:
001–800–4422–3781
Email: ONlit–asia@hibbertco.com
JAPAN: ON Semiconductor, Japan Customer Focus Center
4–32–1 Nishi–Gotanda, Shinagawa–ku, Tokyo, Japan 141–0031
Phone: 81–3–5740–2700
Email: r14525@onsemi.com
ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local
Sales Representative.
MMBF0201NLT1/D
Thermal Clad is a registered trademark of the Bergquist Company.
NORTH AMERICA Literature Fulfillment:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303–675–2175 or 800–344–3860 Toll Free USA/Canada
Fax: 303–675–2176 or 800–344–3867 Toll Free USA/Canada
Email: ONlit@hibbertco.com
Fax Response Line: 303–675–2167 or 800–344–3810 Toll Free USA/Canada
N. American Technical Support: 800–282–9855 Toll Free USA/Canada
EUROPE: LDC for ON Semiconductor – European Support
German Phone: (+1) 303–308–7140 (Mon–Fri 2:30pm to 7:00pm CET)
Email: ONlit–german@hibbertco.com
French Phone: (+1) 303–308–7141 (Mon–Fri 2:00pm to 7:00pm CET)
Email: ONlit–french@hibbertco.com
English Phone: (+1) 303–308–7142 (Mon–Fri 12:00pm to 5:00pm GMT)
Email: ONlit@hibbertco.com
EUROPEAN TOLL–FREE ACCESS*: 00–800–4422–3781
*Available from Germany, France, Italy, UK, Ireland


Similar Part No. - MMBF0201NLT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF0201NLT1 ONSEMI-MMBF0201NLT1 Datasheet
62Kb / 5P
   Power MOSFET 300 mAmps, 20 Volts N?묬hannel SOT??3
January, 2006 ??Rev. 3
MMBF0201NLT1G ONSEMI-MMBF0201NLT1G Datasheet
62Kb / 5P
   Power MOSFET 300 mAmps, 20 Volts N?묬hannel SOT??3
January, 2006 ??Rev. 3
MMBF0201NLT1G ONSEMI-MMBF0201NLT1G Datasheet
170Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 6
logo
VBsemi Electronics Co.,...
MMBF0201NLT1G VBSEMI-MMBF0201NLT1G Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
ON Semiconductor
MMBF0201NLT1 ONSEMI-MMBF0201NLT1_06 Datasheet
62Kb / 5P
   Power MOSFET 300 mAmps, 20 Volts N?묬hannel SOT??3
January, 2006 ??Rev. 3
More results

Similar Description - MMBF0201NLT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF0202PLT1 ONSEMI-MMBF0202PLT1 Datasheet
88Kb / 8P
   Power MOSFET 300 mAmps, 20 Volts
November, 2000 ??Rev. 1
MMBF2201N ONSEMI-MMBF2201N Datasheet
103Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts
August, 2013 ??Rev. 7
MMBF0201NLT1 ONSEMI-MMBF0201NLT1_06 Datasheet
62Kb / 5P
   Power MOSFET 300 mAmps, 20 Volts N?묬hannel SOT??3
January, 2006 ??Rev. 3
MGSF1P02LT1 ONSEMI-MGSF1P02LT1 Datasheet
82Kb / 8P
   Power MOSFET 750 mAmps, 20 Volts
November, 2000 ??Rev. 3
logo
Leshan Radio Company
LMGSF1N02LT1 LRC-LMGSF1N02LT1 Datasheet
131Kb / 4P
   Power MOSFET 750 mAmps, 20 Volts
logo
ON Semiconductor
MGSF1N02LT1 ONSEMI-MGSF1N02LT1 Datasheet
76Kb / 8P
   Power MOSFET 750 mAmps, 20 Volts
November, 2000 ??Rev. 3
logo
Unisonic Technologies
2N7002T UTC-2N7002T Datasheet
148Kb / 3P
   300 mAmps, 60 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
MMBF2201NT1 ONSEMI-MMBF2201NT1_06 Datasheet
57Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
January, 2006 ??Rev. 4
MMBF2201NT1 ONSEMI-MMBF2201NT1 Datasheet
60Kb / 8P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
November, 2000 ??Rev. 3
MMBF2202PT1 ONSEMI-MMBF2202PT1 Datasheet
79Kb / 6P
   Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
November, 2003 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com