Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8855D Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # SP8855D
Description  1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8855D Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  SP8855D Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8855D Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8855D Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8855D Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8855D Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8855D Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8855D Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8855D Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8855D Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SP8855D
9
VCC
3.3mA
0V
296
Fig. 7g Fpd and Fref outputs
296
296
24, 25
Fpd, Fref
40k
28
27
60k
100
mA
60k
40k
50
mA50mA
100
mA
3k
3k
100
mA
VCC
0V
Fig. 7h Reference oscillator
Fig. 7 Interface circuit diagrams (cont)
OUTPUTS
APPLICATIONS
RF layout
The SP8855D can operate with input frequencies up to
1.7GHz but to obtain optimum performance, good RF layout
practices should be used. A suitable layout technique is to use
double sided printed board with through plated holes.
Wherever possible the top surface on which the SP8855D is
mounted should be left as a continuous sheet of copper to form
a low impedance earth plane. The ground pins 12 and 16
should be connected directly to the earth plane. Pins such as
VCC and the unused RF input should be decoupled with chip
capacitors mounted as close to the device pin as possible with
a direct connection to the earth plane, suitable values are
10nF for the power supplies and <1nF for the RF input pin. (a
lower value should be used sufficient to give good
decoupleing at the RF frequnecy of operation). A larger
decoupling capacitor mounted as close as possible to pin 26
should be used to prevent modulation of VCC by the charge
pump pulses. The Rset resistor should also be mounted close
to the Rset pin to prevent noise pickup, and the capacitor
connected from the charge pump output should be a chip
component with short connections to the SP8855D.
When the reference is derived from a crystal connected to
pins 27 and 28 as shown in Fig. 5 the oscillator components
are best mounted close to the SP8855D.
All signals such as the programming inputs, RF in,
reference in and the connections to the op–amp are best taken
through the pc board adjacent to the SP8855D with through
plated holes allowing connections to remote points without
fragmenting the earth plane.
Programming inputs
The input pins are designed to be compatible with TTL or
CMOS logic with a switching threshold set at about 2.4V by
three forward biased base emitter diodes. The inputs will be
taken high by an internal pull up resistor if left open circuit but
for best noise immunity it is better to connect unused inputs
directly to VCC or ground.
RF inputs
The prescaler has a differential input amplifer to improve
input sensitivity. Generally the input drive will be single ended
and the RF signal should be AC coupled to either of the inputs
using a chip capacitor. The remaining input should be
decoupled to ground, again using a chip capacitor. The inputs
can be driven differentially but the input circuit should not
provide a DC path between inputs or to ground.
Lock detect circuit
The lock detect circuit uses the up and down correction
pulses from the phase detector to determine whether the loop
is in or out of lock. When the loop is locked, both up and down
pulses are very narrow compared to the reference frequency,
but the pulse width in the out of lock condition continuously
varies, depending on the phase difference between the
outputs of the reference and RF counters. The logical AND of
the up and down pulses is used to switch a 20mA current sink
to pin 18 and a 50k resistor provides a load to VCC. The circuit
is shown in Fig. 7c. When lock is established, the narrow
pulses from the phase detector ensure that the current source
is off for the majority of the time and so pin 18 will be pulled high
by the 50k resistor. A voltage comparator with a switching
threshold at about 4.7V monitors the voltage at pin 18 and
switches pin 17 low when pin 18 is more positive than the 4.7V
threshold. When the loop is unlocked, the frequency
difference at the counter outputs will produce a cyclic change
in pulse width from the phase detector outputs with a
frequency equal to the difference in frequency at the reference
and RF counter outputs. A small capacitor connected to pin 18
prevents the indication of false phase lock conditions at pin 17
for momentary phase coincidence. Because of the variable
width pulse nature of the signal at pin 18 the calculation of a
suitable capacitor value is complex, but if an indication with a
delay amounting to several times the expected lock up time is
acceptable, the delay will be approximately equal to the time
constant of the capacitor on pin 18 and the internal 50k
resistor. If a faster indication is required, comparable with the
loop lock up time, the capacitor will need to be 2–3 times
smaller than the time constant calculation suggests. The time
to respond to an out of lock condition is 2–3 times less than that
required to indicate lock.
Charge pump circuit
The charge pump circuit converts the variable width up and
down pulses from the phase detector into adjustable current
pulses which can be directly connected to the loop amplifer.
The magnitude of the current and therefore the phase detector


Similar Part No. - SP8855D

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8855 MITEL-SP8855 Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
More results

Similar Description - SP8855D

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
   1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
   2.8GHz Parallel Load Professional Synthesiser
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
   2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
   2쨌7GHz Parallel Load Professional Synthesiser
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
   1쨌5GHz Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com