Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4055B Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U4055B
Description  Low-Voltage Electronic Speech Circuit with Dialer Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4055B Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U4055B Datasheet HTML 1Page - TEMIC Semiconductors U4055B Datasheet HTML 2Page - TEMIC Semiconductors U4055B Datasheet HTML 3Page - TEMIC Semiconductors U4055B Datasheet HTML 4Page - TEMIC Semiconductors U4055B Datasheet HTML 5Page - TEMIC Semiconductors U4055B Datasheet HTML 6Page - TEMIC Semiconductors U4055B Datasheet HTML 7Page - TEMIC Semiconductors U4055B Datasheet HTML 8Page - TEMIC Semiconductors U4055B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
U4055B/U4055B1
TELEFUNKEN Semiconductors
Rev. A1, 06-May-96
Preliminary Information
2 (10)
Pin Description
Pin
Symbol
Function
1, 2
H1 and H2 The push-pull complementary
outputs of the receive amplifier.
Dynamic transducers with a
minimum impedance of 100
W
can be directly driven by these
outputs.
3
GND
Ground.
4
ST
The output of the sidetone
cancellation signal, which
requires a balanced impedance
of 8–10 times the subscribers
line impedance to be connected
to Pin 13.
5
CK2
Input to the line output driver
amplifier. Transmit a.g.c. applied
to this stage.
6
CK1
The transmit pre-amp output
respective of the DTMF output
which is normally capacitively
coupled to Pin 5.
7, 8
MIC 1,
MIC 2
Inputs of symmetrical
microphone amplifier with high
common mode rejection ratio.
9
DTMF IN The DTMF input has an internal
resistor connected to ground. It
provides the load resistor for the
emitter of a CMOS DTMF
generator. This input is only
active when MUTE (Pin 10) is
pulled high or MUTE is pulled
low.
10
MUTE or
MUTE
The MUTE input must be pulled
at least at 1.5 V (MUTE) or at
less than 0.5 V (MUTE) to mute
the MIC Amp. and Audio Amp.
and enable DTMF IN.
Pin
Symbol
Function
11
V+
Regulated output voltage of
2.7 V for biasing a DTMF
generator activated by MUTE.
12
REC IN
The receive amplifier input. The
receiving amplification is
regulated of an a.g.c.
13
VL
Positive supply voltage input to
the device. This input should be
connected to the positive output
of the polarity guard. The current
through this pin is modulated by
the transmit signal.
14
RDC
An external resistor (2 W) is
required from this pin to GND to
control the dc input impedance
of the circuit. It has a nominal
value of 56
W for low voltage
operation. Values up to 100
W
may be used to increase the
available transmit output voltage
swing at the expense of low-
voltage operation.
15
VI
This internal voltage bias line
must be connected to VL via an
external resistor, RB, which
dominates the ac input imped-
ance of the circuit and should be
620
Ω for an 600 W input
impedance or 910
Ω for a 900 Ω
input impedance.
16
RAGC
The range of transmit and
receive gain variations between
short and long loops may be
adjusted by connecting a resistor
REX1 from this pin to Pin 3
(GND). This pin can be left open
to set a.g.c. out of action.


Similar Part No. - U4055B

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U405 CALOGIC-U405 Datasheet
26Kb / 2P
   Dual N-Channel JFET Switch
logo
Linear Integrated Syste...
U405 LINEAR-U405 Datasheet
241Kb / 2P
   LOW NOISE LOW DRIFT MONOLITHIC DUAL N CHANNEL JFET
logo
Intersil Corporation
U405 INTERSIL-U405 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Micross Components
U405 MICROSS-U405 Datasheet
286Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U405 MICROSS-U405 Datasheet
286Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
More results

Similar Description - U4055B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8501A SAMSUNG-KA8501A Datasheet
60Kb / 4P
   SPEECH NETWORK WITH DIALER INTERFACE
S1T8501 SAMSUNG-S1T8501 Datasheet
61Kb / 6P
   SPEECH NETWORK WITH DIALER INTERFACE
KA8504 SAMSUNG-KA8504 Datasheet
55Kb / 4P
   SPEECH NETWORK WITH DIALER INTERFACE
S1T2425A SAMSUNG-S1T2425A Datasheet
77Kb / 7P
   SPEECH NETWORK WITH DIALER INTERFACE
KA2425A SAMSUNG-KA2425A Datasheet
91Kb / 6P
   SPEECH NETWORK WITH DIALER INTERFACE
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
   Telephone Speech Network with Dialer Interface
logo
Integral Corp.
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
KODENSHI_AUK CORP.
KKA1062 KODENSHI-KKA1062 Datasheet
366Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
Motorola, Inc
MC34014 MOTOROLA-MC34014 Datasheet
828Kb / 17P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
KODENSHI_AUK CORP.
KK6965 KODENSHI-KK6965 Datasheet
2Mb / 24P
   Telephone Speech Network with Dialer Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com