Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM18EG391TN1 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # BLM18EG391TN1
Description  On-Board Type (DC) EMI Suppression Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18EG391TN1 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18EG391TN1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM18EG391TN1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM18EG391TN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM18EG391TN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM18EG391TN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM18EG391TN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BLM18EG391TN1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BLM18EG391TN1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BLM18EG391TN1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
20
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
s Impedance-Frequency (Typical)
BLM03 Series
0
100
200
300
400
500
1
10
100
1000
3000
Frequency (MHz)
BLM03AG700SN1
BLM03AG121SN1
BLM03AG100SN1
BLM03AG241SN1
s Impedance-Frequency Characteristics
BLM03AG100SN1
1
10
100
1000
3000
Frequency (MHz)
0
5
10
15
20
R
X
Z
BLM03AG700SN1
Frequency (MHz)
0
20
40
60
80
100
120
R
X
Z
1
10
100
1000
3000
BLM03AG121SN1
0
40
80
120
160
200
1
10
100
1000
3000
Frequency (MHz)
R
X
Z
BLM03AG241SN1
Frequency (MHz)
0
100
200
300
400
500
R
X
Z
1
10
100
1000
3000
BLM15A Series (0402 Size)
(in mm)
0.5
±0.05
1.0
±0.05
0.25
±0.1
BLM15A Series
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30


Similar Part No. - BLM18EG391TN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18EG391TN1 MURATA-BLM18EG391TN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM18EG391TN1 MURATA-BLM18EG391TN1 Datasheet
152Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18EG391TN1 MURATA-BLM18EG391TN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18EG391TN1 MURATA-BLM18EG391TN1 Datasheet
146Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
logo
Murata Manufacturing Co...
BLM18EG391TN1 MURATA1-BLM18EG391TN1 Datasheet
249Kb / 4P
   BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
More results

Similar Description - BLM18EG391TN1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com