Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6405C Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6405C
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6405C Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6405C Datasheet HTML 1Page - Torex Semiconductor XC6405C Datasheet HTML 2Page - Torex Semiconductor XC6405C Datasheet HTML 3Page - Torex Semiconductor XC6405C Datasheet HTML 4Page - Torex Semiconductor XC6405C Datasheet HTML 5Page - Torex Semiconductor XC6405C Datasheet HTML 6Page - Torex Semiconductor XC6405C Datasheet HTML 7Page - Torex Semiconductor XC6405C Datasheet HTML 8Page - Torex Semiconductor XC6405C Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! ORDERING INFORMATION
# Pin Number
3, 4 Type
(80 ~ 99 : Standard voltage products)
For the other voltages, please ask your sales contacts.
# Ordering Example (Standard Products)
Except for the standard products, minimum ordering quantity is 15K.
1.80
39
XC6405FV88MR
Cd function, VIN Sense, Detect L
3.30
4.00
XC6405FV87MR
Cd function, VIN Sense, Detect L
3.00
4.20
XC6405DE86MR
CE function, Active HIGH, VIN Sense, Detect L
3.50
3.80
XC6405DE85MR
CE function, Active HIGH, VIN Sense, Detect L
3.00
3.30
XC6405DE84MR
CE function, Active HIGH, VIN Sense, Detect L
2.85
3.20
XC6405DE83MR
CE function, Active HIGH, VIN Sense, Detect L
2.50
2.80
XC6405DE82MR
CE function, Active HIGH, VIN Sense, Detect L
1.80
2.00
1.60
XC6405CE81MR
EN function, Active HIGH, VIN Sense, Detect L
2.80
3.10
XC6405CH80MR
EN function, Active HIGH, VROUT Sense, Detect L
PRODUCT NAME
PRODUCT DESCRIPTION
20
40
VROUT
VDOUT
VOLTAGE
98
99
83
2.50
2.80
84
2.85
3.20
3.10
82
1.80
2.00
34
VROUT
VDOUT
80
1.80
1.60
VDOUT
34
VROUT
37
38
28
24
25
36
30
VROUT
VDOUT
21
22
29
23
3.30
3.10
3.30
3.00
3.30
2.80
3.30
3.70
1.80
3.30
3.80
3.30
4.20
2.60
3.30
4.00
34
VROUT
19
01
02
03
04
2.20
3.00
05
16
17
18
08
09
10
12
13
15
VDOUT
34
81
2.80
06
3.30
3.60
26
85
3.00
3.30
07
1.80
2.30
27
86
3.50
3.80
87
3.00
4.20
88
3.30
4.00
89
11
2.60
3.90
31
90
32
91
1.80
3.60
33
92
14
34
93
94
95
96
97
XC6405DE89MR
CE function, Active HIGH, VIN Sense, Detect L
1.20
35
2.00
XC6405DE90MR
CE function, Active HIGH, VIN Sense, Detect L
1.30
2.00
XC6405DE91MR
CE function, Active HIGH, VIN Sense, Detect L
1.50
2.00
Semiconductor Ltd.
Data Sheet
4


Similar Part No. - XC6405C

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6405CE81MR TOREX-XC6405CE81MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405CH80MR TOREX-XC6405CH80MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results

Similar Description - XC6405C

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com