Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KT3130A9 Datasheet(PDF) 4 Page - Integral Corp.

Part # KT3130A9
Description  DISCRETE SEMICONDUCTOR Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

KT3130A9 Datasheet(HTML) 4 Page - Integral Corp.

  KT3130A9 Datasheet HTML 1Page - Integral Corp. KT3130A9 Datasheet HTML 2Page - Integral Corp. KT3130A9 Datasheet HTML 3Page - Integral Corp. KT3130A9 Datasheet HTML 4Page - Integral Corp. KT3130A9 Datasheet HTML 5Page - Integral Corp. KT3130A9 Datasheet HTML 6Page - Integral Corp. KT3130A9 Datasheet HTML 7Page - Integral Corp. KT3130A9 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DISCRETE SEMICONDUCTOR
Transistors
71
• Bipolar Transistors (continued)
Part
Pin to Pin
Compatibility
Polarity
РC
max,
W
VCB
max,
V
VCE
max,
V
VEB
max,
V
IC
max,
hFE
VCE
sat,
V
ICBO,
μА
FT,
МHz
Nf,
dB
Package
(Pads)
КТ8177А
КТ8177Б
КТ8177В
TIP32A
TIP32B
TIP32C
PNP
40
60
80
100
60
80
100
5
3000
>25
1.2
3.0
TO-220
КТ8212А
КТ8212Б
КТ8212В
TIP41С
TIP41B
TIP41A
NPN
65
60
80
100
60
80
100
5
6000
15…75
1.5 ICES=400
3.0
TO-220
КТ8213А
КТ8213Б
КТ8213В
TIP42C
TIP42B
TIP42A
PNP
65
60
80
100
60
80
100
5
6000
15…75
1.5 ICES=400
3.0
TO-220
MJE2955
PNP
75
70
60
5
10000 20…100 1.1
1000
TO-220
MJE3055
NPN
75
70
60
5
10000 20…100 1.1
1000
TO-220
КТ738А
КТ739А
TIP3055
TIP2955
NPN
PNP
90
70
60
5
15000 20…100 1.1
1000
TO-218
КТ732А
КТ733А
MJE4343
MJE4353
NPN
PNP
125
160
160
7
16000
8…15
2.0
750
1.0
TO-218
КТ8224А
КТ8224Б*
BU2508A
BU2508D
NPN
100
1500
700
7.5
8000
4…7
1.0 Iebo=1.0
100..187
TO-218
КТ8225A
BU941ZP
NPN
155
350
5
15000
>300
1.8 Veb=5.0V
Iebo=20
TO-218
КТ8228А
КТ8228Б*
BU2525A
BU2525D
NPN
125
1500
800
7.5
12000 5.0…9.5 5.0 Iebo=1.0
80
…150
TO-218
КТ8229А
TIP35F
NPN
125
180
180
5
25000
15…75
1.8 Iceo=1.0 3.0
TO-218
КТ8230А
TIP36F
PNP
125
180
180
5
25000
15…75
1.8
1.0
3.0
TO-218
КТ8261А
BUD44D2
NPN
25
700
400
9
2000
>10
0.65
0.1
TO-126
BUL44D2
NPN
40
700
400
9
5000
>10
0.65
0.1
TO-220
КТ8247А
BUL45D2
NPN
75
700
400
12
5000
>22
0.5
100
TO-220
КТ8248А
BU2506F
NPN
90
Vcek
1500
700
7.5
5000
3.8…9.0 3.0
Icek,
mA
1.0
TO-218
KT538A
MJE13001
NPN
0.7
600
400
9
0.5
5…90
0.5
1000
4
TO-92
КТ8248А1
BU2506F
NPN
90
Ucek
1500
700
7.5
5000
3.8…9.0 3.0
Icek,мА
1.0
TO-218
KT8290A
BUH100
NPN
100
700
400
9
10000
>10
1.0
0.1
ТО-220
КТ8255А
BU407
NPN
60
330
160
6
7000
>15
1.0
1.0
ТО-220
KT8270A
MJE13001
NPN
0.7
600
400
9
0.5
5…90
0.5
1000
4
TO-126
KT8296A
KT8296Б
KT8296В
KT8296Г
KSD882R
KSD882O
KSD882Y
KSD882G
NPN
10
40
30
5
3000
60…120
100…200
160…320
200…400
0.5
100
TO-126
KT8297A
KT8297Б
KT8297В
KT8297Г
KSB772R
KSB772O
KSB772Y
KSB772G
PNP
10
40
30
5
3000
60…120
100…200
160…320
200…400
0.5
100
TO-126
KT872A
KT872Б
KT872B
KT872Г*
with clamping
diode
BU508А
BU508
BU508D
NPN
100
1500
1500
1200
1500
700
700
600
700
6
1000
>6
1.0
5.0
1.0
1.0
4.0
TO-218
KT928A
2N2218
NPN
0.5
60
60
5
0.8
20…100 1.0
5.0
250
TO-126
KT928Б
2N2219
NPN
0.5
60
60
5
0.8
50…200 1.0
5.0
250
TO-126
KT928B
2N2219A
NPN
0.5
75
75
5
0.8
100…300 1.0
1.0
250
TO-126
KT940A
KT940Б
KT940B
BF459
BF458
NPN
10
300
250
160
300
250
160
5
100
>25
1.0
0.05
TO-126
КТ969А
BF469
NPN
6
300
250
5
100
50
250
1.0
0.05
60
TO-126


Similar Part No. - KT3130A9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KT3102 ETC-KT3102 Datasheet
3Mb / 1P
   NPN Transistor
logo
Samsung semiconductor
KT3170 SAMSUNG-KT3170 Datasheet
117Kb / 7P
   LOW POWER DTMF RECEIVER
KT3170N SAMSUNG-KT3170N Datasheet
117Kb / 7P
   LOW POWER DTMF RECEIVER
More results

Similar Description - KT3130A9

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
W04M-BP MCC-W04M-BP Datasheet
59Kb / 2P
   Complete Discrete Semiconductor Solutions
BAS16WX-TP MCC-BAS16WX-TP Datasheet
115Kb / 3P
   Complete Discrete Semiconductor Solutions
logo
List of Unclassifed Man...
GT120NWS ETC1-GT120NWS Datasheet
468Kb / 10P
   Mini size of Discrete semiconductor elements
logo
Panasonic Semiconductor
MIP290 PANASONIC-MIP290 Datasheet
4Mb / 152P
   Semiconductor Selection Guide Microcomputers, Bipolar ICs, Discrete Semiconductors
2009 ver.2
logo
List of Unclassifed Man...
W98M9640 ETC1-W98M9640 Datasheet
228Kb / 13P
   Semiconductor Discrete Device, P-Channel Power MOS Field Effect Transistor
logo
Siemens Semiconductor G...
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
logo
Advanced Power Technolo...
MRF557 ADPOW-MRF557 Datasheet
150Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com