Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF512K32F-150G2UM5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WF512K32F-150G2UM5
Description  512Kx32 5V FLASH MODULE, SMD 5962-94612
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF512K32F-150G2UM5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WF512K32F-150G2UM5 Datasheet HTML 1Page - List of Unclassifed Manufacturers WF512K32F-150G2UM5 Datasheet HTML 2Page - List of Unclassifed Manufacturers WF512K32F-150G2UM5 Datasheet HTML 3Page - List of Unclassifed Manufacturers WF512K32F-150G2UM5 Datasheet HTML 4Page - List of Unclassifed Manufacturers WF512K32F-150G2UM5 Datasheet HTML 5Page - List of Unclassifed Manufacturers WF512K32F-150G2UM5 Datasheet HTML 6Page - List of Unclassifed Manufacturers WF512K32F-150G2UM5 Datasheet HTML 7Page - List of Unclassifed Manufacturers WF512K32F-150G2UM5 Datasheet HTML 8Page - List of Unclassifed Manufacturers WF512K32F-150G2UM5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
White Electronic Designs Corporation • Phoenix, AZ • (602) 437-1520
HI-RELIABILITY PRODUCT
FEATURES
s Access Times of 60, 70, 90, 120, 150ns
s Packaging
• 66 pin, PGA Type, 1.075" square, Hermetic
Ceramic HIP (Package 400(1))
• 68 lead, 40mm, Low Capacitance Hermetic CQFP
(Package 501)
• 68 lead, 40mm, Low Profile 3.5mm (0.140"), CQFP
(Package 502)
• 68 lead, 22.4mm (0.880") Low Profile CQFP (G2U), 3.5mm
(0.140") high, (Package 510)
• 68 lead, 23.9mm (0.940") Low Profile CQFP (G1U), 3.5mm
(0.140") high, (Package 519)
s 100,000 Erase/Program Cycles Minimum
s Sector Architecture
• 8 equal size sectors of 64KBytes each
• Any combination of sectors can be concurrently erased.
Also supports full chip erase
s Organized as 512Kx32
s Commercial, Industrial and Military Temperature Ranges
s 5 Volt Programming. 5V
± 10% Supply.
s Low Power CMOS, 6.5mA Standby
s Embedded Erase and Program Algorithms
s TTL Compatible Inputs and CMOS Outputs
s Built-in Decoupling Caps for Low Noise Operation
s Page Program Operation and Internal Program Control Time
s Weight
WF512K32-XG2UX5 - 8 grams typical
WF512K32-XH1X5 - 13 grams typical
WF512K32-XG4X5 - 20 grams typical
WF512K32-XG4TX5 - 20 grams typical
WF512K32-XG1UX5 - 5 grams typical
1. Call factory for PGA type (HIP) package options.
Note: See Flash Programming Application Note 4M5 for algorithms.
WF512K32-XXX5
PIN DESCRIPTION
I/O0-31
Data Inputs/Outputs
A0-18
Address Inputs
WE1-4
Write Enables
CS1-4
Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
I/O8
I/O9
I/O10
A14
A16
A11
A0
A18
I/O0
I/O1
I/O2
WE2
CS2
GND
I/O11
A10
A9
A15
VCC
CS1
NC
I/O3
I/O15
I/O14
I/O13
I/O12
OE
A17
WE1
I/O7
I/O6
I/O5
I/O4
I/O24
I/O25
I/O26
A7
A12
NC
A13
A8
I/O16
I/O17
I/O18
VCC
CS4
WE4
I/O27
A4
A5
A6
WE3
CS3
GND
I/O19
I/O31
I/O30
I/O29
I/O28
A1
A2
A3
I/O23
I/O22
I/O21
I/O20
11
22
33
44
55
66
1
12
23
34
45
56
TOP VIEW
BLOCK DIAGRAM
512K x 8
8
I/O 0-7
WE CS
1
1
512K x 8
8
I/O 8-15
WE CS
2
2
512K x 8
8
I/O 16-23
WE CS
3
3
512K x 8
8
I/O 24-31
WE CS
4
4
A 0- 18
OE
FIG. 1 PIN CONFIGURATION FOR WF512K32N-XH1X5
512Kx32 5V FLASH MODULE, SMD 5962-94612
April 2001 Rev. 4


Similar Part No. - WF512K32F-150G2UM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LC5 WEDC-WF512K32N-120G2LC5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LC5A WEDC-WF512K32N-120G2LC5A Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LI5 WEDC-WF512K32N-120G2LI5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LI5A WEDC-WF512K32N-120G2LI5A Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results

Similar Description - WF512K32F-150G2UM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
EDI7F33512V WEDC-EDI7F33512V Datasheet
98Kb / 5P
   512Kx32 FLASH
EDI7F33512C WEDC-EDI7F33512C Datasheet
558Kb / 4P
   512Kx32 Flash
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com