Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM21BD601SN1 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # BLM21BD601SN1
Description  On-Board Type (DC) EMI Suppression Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM21BD601SN1 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button BLM21BD601SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM21BD601SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM21BD601SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM21BD601SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BLM21BD601SN1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BLM21BD601SN1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BLM21BD601SN1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BLM21BD601SN1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. BLM21BD601SN1 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
22
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Continued from the preceding page.
s Impedance-Frequency Characteristics
BLM15AG601SN1
0
200
400
600
800
1
10
100
1000
Frequency (MHz)
Z
R
X
BLM15AG102SN1
Z
R
X
1200
900
600
300
0
1
10
100
1000
Frequency (MHz)
BLM18A Series (0603 Size)
0.4
±0.2
1.6
±0.15
0.8
±0.15
(in mm)
BLM18A Series
Part Number
Impedance
(at 100MHz/20
°C)
(ohm)
Rated Current
(mA)
DC Resistance (max.)
(ohm)
Operating
Temperature Range
(
°C)
BLM18AG121SN1
120
±25%
200
0.20
-55 to +125
BLM18AG151SN1
150
±25%
200
0.25
-55 to +125
BLM18AG221SN1
220
±25%
200
0.30
-55 to +125
BLM18AG331SN1
330
±25%
200
0.45
-55 to +125
BLM18AG471SN1
470
±25%
200
0.50
-55 to +125
BLM18AG601SN1
600
±25%
200
0.50
-55 to +125
BLM18AG102SN1
1000
±25%
100
0.70
-55 to +125
s Impedance-Frequency (Typical)
BLM18A Series
1200
900
600
300
0
1
10
100
1000
Frequency (MHz)
BLM18AG102SN(H)1
BLM18AG601SN(H)1
BLM18AG121SN(H)1
BLM18AG151SN(H)1
BLM18AG221SN(H)1
BLM18AG331SN(H)1
BLM18AG471SN(H)1
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30


Similar Part No. - BLM21BD601SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21BD601SN1 MURATA-BLM21BD601SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM21BD601SN1 MURATA-BLM21BD601SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM21BD601SN1 MURATA1-BLM21BD601SN1 Datasheet
120Kb / 8P
   BLM21 Series (2012 Size)
BLM21BD601SN1 MURATA1-BLM21BD601SN1 Datasheet
331Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/15/2022
logo
Murata Manufacturing Co...
BLM21BD601SN1B MURATA-BLM21BD601SN1B Datasheet
306Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM21B Series (0805 Size)
More results

Similar Description - BLM21BD601SN1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com