Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1973 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1973
Description  Smallest 1A, 1.4MHz Step-Down Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1973 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1973 Datasheet HTML 4Page - Maxim Integrated Products MAX1973 Datasheet HTML 5Page - Maxim Integrated Products MAX1973 Datasheet HTML 6Page - Maxim Integrated Products MAX1973 Datasheet HTML 7Page - Maxim Integrated Products MAX1973 Datasheet HTML 8Page - Maxim Integrated Products MAX1973 Datasheet HTML 9Page - Maxim Integrated Products MAX1973 Datasheet HTML 10Page - Maxim Integrated Products MAX1973 Datasheet HTML 11Page - Maxim Integrated Products MAX1973 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Smallest 1A, 1.4MHz Step-Down Regulators
8
_______________________________________________________________________________________
Pin Description
NAME
PIN
MAX1973
MAX1974
FUNCTION
1
FBSEL
FBSEL
Feedback-Mode Selector. Connect FBSEL to GND to set the output voltage to 1.8V
(MAX1973) or 1V (MAX1974). Connect FBSEL to IN to set the output voltage to 2.5V
(MAX1973) or 1.5V (MAX1974). Leave FBSEL unconnected to set the output voltage
using a resistor-divider at FB.
2
COMP
COMP
Compensation. Connect a series RC network to GND. COMP is internally pulled to
GND when the device is in shutdown or in undervoltage lockout (see the Compen-
sation Components section).
3FB
FB
Feedback Input. Connect to the output if a preset voltage is used, or to a resistor-
divider from the output to GND for an adjustable output voltage.
4SS
SS
Soft-Start Pin and Reference Output. Bypass to GND with at least 0.01µF. Connect
0.1µF to GND for a soft-start ramp time of 6.25ms for the MAX1973, or 3.75ms for the
MAX1974. SS is internally pulled to GND when the device is shut down or in
undervoltage lockout.
5
GND
GND
Ground
CTL2
Control Input 2. Controls enable/disable and voltage margining (see Table 1).
6
POK
Power-OK Output. Open-drain output goes low when output is below 90% of nominal
output. POK is also low when the device is shut down or in undervoltage lockout.
7
PGND
PGND
Power Ground
8
LX
LX
Inductor Connection. Connect an inductor from LX to the output.
9IN
IN
Input Supply Voltage. Input voltage range is 2.6V to 5.5V. Connect a 4.7µF capacitor
from IN to PGND.
CTL1
Control Input 1. Controls Enable/Disable and voltage margining (see Table 1).
10
ON
Enable Input. Connect to IN or drive high for normal operation. Drive low to put device
in shutdown.
MAX1974 WITH 100k
Ω PULLUP RESISTOR
FROM POK TO IN, ILOAD = 100mA
MAX1974
POK AND INPUT VOLTAGE
VPOK
2V/div
0
MAX1973/74 toc15
20ms/div
VIN
1V/div
VOUT
2V/div
0
0
VIN = 5V, VOUT = 2.5V, IOUT = 800mA, -4% TO +4% TO -4%
MAX1973
VOLTAGE MARGIN STEP CHANGE RESPONSE
VOUT
IIN
1V/div
0
MAX1973/74 toc14
500mA/div
1ms/div
VCTL1
VCTL2
0
10V/div
0
10V/div
0
Typical Operating Characteristics (continued)
(Circuits of Figure 2, 3, and 4; TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1973

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1973EUB MAXIM-MAX1973EUB Datasheet
48Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 9, 2003
More results

Similar Description - MAX1973

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
   1.4MHz 1A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2259 MPS-MP2259 Datasheet
325Kb / 9P
   1A, 16V, 1.4MHz Step-Down Converter
logo
Global Mixed-mode Techn...
G5728B GMT-G5728B Datasheet
185Kb / 2P
   1.4MHz 1A Synchronous Step-Down Regulator
G5699 GMT-G5699 Datasheet
100Kb / 1P
   Dual 1.4MHz, 1A Synchronous Step-Down Regulator
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
   1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
   1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com