Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1973 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1973
Description  Smallest 1A, 1.4MHz Step-Down Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1973 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1973 Datasheet HTML 6Page - Maxim Integrated Products MAX1973 Datasheet HTML 7Page - Maxim Integrated Products MAX1973 Datasheet HTML 8Page - Maxim Integrated Products MAX1973 Datasheet HTML 9Page - Maxim Integrated Products MAX1973 Datasheet HTML 10Page - Maxim Integrated Products MAX1973 Datasheet HTML 11Page - Maxim Integrated Products MAX1973 Datasheet HTML 12Page - Maxim Integrated Products MAX1973 Datasheet HTML 13Page - Maxim Integrated Products MAX1973 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
soft-start when coming out of undervoltage lockout
(UVLO) or thermal-overload protection.
Undervoltage Lockout (UVLO)
If VIN drops below 2.35V (typ), the MAX1973/MAX1974
assume that the supply voltage is too low to provide a
valid output voltage, and the UVLO circuit inhibits
switching. Once VIN rises above 2.4V, UVLO is dis-
abled and the soft-start sequence begins.
Thermal-Overload Protection
Thermal-overload protection limits total power dissipa-
tion and protects the IC from damage in case of an
overload or short-circuit condition. When the IC junction
temperature (TJ) exceeds +170°C, the device shuts
down. The part turns on again after the junction temper-
ature cools by 20°C. This results in a pulsed output dur-
ing continuous thermal-overload conditions.
Smallest 1A, 1.4MHz Step-Down Regulators
10
______________________________________________________________________________________
PWM
LOGIC BLOCK
PMOS
CURRENT SENSE
VOLTAGE
CLAMP
NMOS
CURRENT LIMIT
SLOPE
COMP
CHIP
ENABLE
REFERENCE
READY
UNDERVOLTAGE
LOCK OUT
FEEDBACK
SELECT
VOLTAGE
MARGINING
SOFT-START
REFERENCE
BIAS
MAX1974
ONLY
POK
IN
LX
PGND
PWM
COMPARATOR
ERROR
AMP
1.4MHz
OSCILLATOR
IN
GND
SS
COMP
OUT
FB
CTL1
CTL2
ON
MAX1973
ONLY
MAX1974
ONLY
Σ
MAX1973
MAX1974
Figure 1. Functional Diagram


Similar Part No. - MAX1973

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1973EUB MAXIM-MAX1973EUB Datasheet
48Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 9, 2003
More results

Similar Description - MAX1973

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
   1.4MHz 1A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2259 MPS-MP2259 Datasheet
325Kb / 9P
   1A, 16V, 1.4MHz Step-Down Converter
logo
Global Mixed-mode Techn...
G5728B GMT-G5728B Datasheet
185Kb / 2P
   1.4MHz 1A Synchronous Step-Down Regulator
G5699 GMT-G5699 Datasheet
100Kb / 1P
   Dual 1.4MHz, 1A Synchronous Step-Down Regulator
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
   1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
   1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com