Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1973 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1973
Description  Smallest 1A, 1.4MHz Step-Down Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1973 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1973 Datasheet HTML 7Page - Maxim Integrated Products MAX1973 Datasheet HTML 8Page - Maxim Integrated Products MAX1973 Datasheet HTML 9Page - Maxim Integrated Products MAX1973 Datasheet HTML 10Page - Maxim Integrated Products MAX1973 Datasheet HTML 11Page - Maxim Integrated Products MAX1973 Datasheet HTML 12Page - Maxim Integrated Products MAX1973 Datasheet HTML 13Page - Maxim Integrated Products MAX1973 Datasheet HTML 14Page - Maxim Integrated Products MAX1973 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Voltage Margining and Shutdown
A voltage-margining feature is provided on the
MAX1973 to shift the output voltage up or down by 4%.
Voltage margining is useful for the automatic testing of
systems at high and low supply conditions to find
potential failures. See Table 1 for the MAX1973 voltage
margining and shutdown truth table.
A shutdown feature is included on both the MAX1973
and the MAX1974. Shutdown turns off the IC and
reduces the supply current about 0.1µA. For the
MAX1974, drive ON high for normal operation, or low
for shutdown. For the MAX1973, drive both CTL1 and
CTL2 high for normal operation, or drive both low for
shutdown. For a simple enable/shutdown function with
no voltage margining on the MAX1973, connect CTL1
to CTL2 and drive as one input.
Power-OK Output (POK)
A power-OK output (POK) is provided on the MAX1974.
This is an open-drain output indicating when the output
voltage is in regulation. If the output voltage falls below
90% of its nominal value, POK goes low. POK remains
low until the output voltage rises to 92.5% of its nominal
value. At that point, POK goes high impedance. To use
POK as a logic output, connect a 10k
Ω to 100kΩ pullup
resistor from POK to the power supply of the logic
receiving the POK signal. POK continues to function in
shutdown or UVLO. Note that a minimum voltage of 1V
at IN is required to ensure that POK provides a valid
output. When VIN drops to zero, POK is high imped-
ance. See the Typical Operating Characteristics.
Applications Information
Output Voltage Selection
The output voltage can be set to one of two preset val-
ues, or can be set by an external resistor-divider. For
preset output voltages, connect FB to the output as
shown in Figures 2 and 3. Connect FBSEL to GND or IN
to select the desired preset output voltage (see Table 2).
To set the output voltage to a value other than the preset
values, FBSEL is not connected, and FB is connected to
a voltage-divider as shown in Figures 4 and 5. Select a
value for R2 in the 1k
Ω to 22kΩ range, and then calcu-
late the value of R1 from the following equation:
For the MAX1973, VFB = 1.25V, allowing its output to be
set down to 1.25V. For the MAX1974, VFB = 0.75V,
allowing its output to be set down to 0.75V
The MAX1973/MAX1974 PWM circuitry is capable of a
stable minimum duty cycle of 17%. This limits the mini-
mum output voltage that can be generated to 0.17
VIN. Instability may result for VIN/VOUT ratios below 0.17.
Inductor Selection
A 2.2µH to 4.7µH inductor with a saturation current of at
least 1.25A is recommended for full-load (1mA) applica-
tions. For lower load currents, the inductor current rating
can be reduced. For most applications, use an inductor
with a current rating 1.25 times the maximum required
output current. For best efficiency, the inductor’s DC
resistance should be as small as possible. See Table 3
for recommended inductors and manufacturers.
For most designs, the inductor value (LINIT) can be
derived from the following equation:
L
VV
V
V
LIR
I
f
INIT
OUT
IN
OUT
IN
OUT MAX
SW
=
()
××
×
()
RR
V
V
OUT
FB
12
1
Smallest 1A, 1.4MHz Step-Down Regulators
______________________________________________________________________________________
11
CTL1
CTL2
FUNCTION
GND
GND
Shutdown
GND
IN
Positive voltage margining,
regulation voltage increased 4% from
normal operation
IN
GND
Negative voltage margining,
regulation voltage lowered 4% from
normal operation
IN
IN
Normal operation
Table 1. CTL_ Input Functions (MAX1973)
OUTPUT VOLTAGE
FBSEL
MAX1973
MAX1974
GND
1.8V
1V
IN
2.5V
1.5V
Not Connected
Adjustable down
to 1.25V
Adjustable down to
0.75V
Table 2. Preset Output Voltages


Similar Part No. - MAX1973

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1973EUB MAXIM-MAX1973EUB Datasheet
48Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 9, 2003
More results

Similar Description - MAX1973

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
   1.4MHz 1A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2259 MPS-MP2259 Datasheet
325Kb / 9P
   1A, 16V, 1.4MHz Step-Down Converter
logo
Global Mixed-mode Techn...
G5728B GMT-G5728B Datasheet
185Kb / 2P
   1.4MHz 1A Synchronous Step-Down Regulator
G5699 GMT-G5699 Datasheet
100Kb / 1P
   Dual 1.4MHz, 1A Synchronous Step-Down Regulator
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
   1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
   1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com