Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1973 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1973
Description  Smallest 1A, 1.4MHz Step-Down Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1973 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1973 Datasheet HTML 2Page - Maxim Integrated Products MAX1973 Datasheet HTML 3Page - Maxim Integrated Products MAX1973 Datasheet HTML 4Page - Maxim Integrated Products MAX1973 Datasheet HTML 5Page - Maxim Integrated Products MAX1973 Datasheet HTML 6Page - Maxim Integrated Products MAX1973 Datasheet HTML 7Page - Maxim Integrated Products MAX1973 Datasheet HTML 8Page - Maxim Integrated Products MAX1973 Datasheet HTML 9Page - Maxim Integrated Products MAX1973 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Smallest 1A, 1.4MHz Step-Down Regulators
6
_______________________________________________________________________________________
Typical Operating Characteristics
(Circuits of Figure 2, 3, and 4; TA = +25°C, unless otherwise noted.)
100
0
0.01
0.1
1
EFFICIENCY vs. LOAD CURRENT
20
10
LOAD CURRENT (A)
40
30
60
70
50
80
90
VOUT = 2.5V
VOUT = 1V
VOUT = 1.8V
VIN = 3.3V
100
0
0.01
0.1
1
EFFICIENCY vs. LOAD CURRENT
20
10
LOAD CURRENT (A)
40
30
60
70
50
80
90
VOUT = 3.3V
VOUT = 2.5V
VIN = 5V
0
0.10
0.05
0.20
0.15
0.30
0.25
0.35
DROPOUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
VOUT = 3.3V
VOUT = 2.5V
0
4
2
8
6
10
12
02
13
4
5
NO-LOAD CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
VOUT = 2.5V
1.244
1.245
1.246
1.247
1.248
1.249
1.250
1.251
1.252
0
0.2
0.4
0.6
0.8
1.0
FB VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (A)
MAX1973
VIN = 5V
R1 = 22k
R2 = 13k
-4.0
-2.5
-3.0
-3.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
0.01
1
0.1
10
100
1000
CHANGE IN OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (A)
VIN = 5V
VOUT = 1.8V
2.5V
1V
1.10
1.20
1.15
1.30
1.25
1.35
1.40
24
35
6
SWITCHING FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C


Similar Part No. - MAX1973

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1973EUB MAXIM-MAX1973EUB Datasheet
48Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 9, 2003
More results

Similar Description - MAX1973

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
   1.4MHz 1A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2259 MPS-MP2259 Datasheet
325Kb / 9P
   1A, 16V, 1.4MHz Step-Down Converter
logo
Global Mixed-mode Techn...
G5728B GMT-G5728B Datasheet
185Kb / 2P
   1.4MHz 1A Synchronous Step-Down Regulator
G5699 GMT-G5699 Datasheet
100Kb / 1P
   Dual 1.4MHz, 1A Synchronous Step-Down Regulator
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
   1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
   1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com