Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVSMCJLCE90TR Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MVSMCJLCE90TR
Description  1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MVSMCJLCE90TR Datasheet(HTML) 3 Page - Microsemi Corporation

  MVSMCJLCE90TR Datasheet HTML 1Page - Microsemi Corporation MVSMCJLCE90TR Datasheet HTML 2Page - Microsemi Corporation MVSMCJLCE90TR Datasheet HTML 3Page - Microsemi Corporation MVSMCJLCE90TR Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1500 WATT LOW CAPACITANCE
SURFACE MOUNT TRANSIENT
VOLTAGE SUPPRESSOR
S C O T T S DA L E D I V I SI ON
SMCGLCE6.5 thru SMCGLCE170A, e3
SMCJLCE6.5 thru SMCJLCE170A, e3
GRAPHS
Test wave form
parameterxs
tr = 10 s
tp = 1000 s
tp – Pulse Time – sec
FIGURE 2 PULSE WAVEFORM
FIGURE 1 PEAK PULSE POWER vs. PULSE TIME
T – Temperature – oC
FIGURE 3 DERATING CURVE
SCHEMATIC APPLICATIONS
The TVS low capacitance device configuration is shown in Figure 4. As a further option for unidirectional applications, an additional low
capacitance rectifier diode may be used in parallel in the same polarity direction as the TVS as shown in Figure 5. In applications where random
high voltage transients occur, this will prevent reverse transients from damaging the internal low capacitance rectifier diode and also provide a
low voltage conducting direction. The added rectifier diode should be of similar low capacitance and also have a higher reverse voltage rating
than the TVS clamping voltage VC. The Microsemi recommended rectifier part number for the application in Figure 5 is the “SMBJLCR80” or
“SMBGLCR80” depending on the terminal configuration desired. If using two (2) low capacitance TVS devices in anti-parallel for bidirectional
applications, this added protective feature for both directions (including the reverse of each rectifier diode) is inherently provided in Figure 6. The
unidirectional and bidirectional configurations in Figure 5 and 6 will both result in twice the capacitance of Figure 4.
Microsemi
Scottsdale Division
Page 3
Copyright
2005
6-06-2005 REV D
FIGURE 4
FIGURE 5
FIGURE 6
TVS with internal low
Optional Unidirectional
Optional Bidirectional
capacitance rectifier diode
configuration (TVS and
configuration (two TVS
separate rectifier diode)
devices in anti-parallel)
in parallel)
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - MVSMCJLCE90TR

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MVS MTRONPTI-MVS Datasheet
263Kb / 1P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MVS MTRONPTI-MVS Datasheet
430Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
logo
MERITEK ELECTRONICS COR...
MVS MERITEK-MVS Datasheet
334Kb / 11P
   Metal Oxide Varistors Surface Mount
logo
Altech corporation
MVS-1510 ALTECH-MVS-1510 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MVS-1511 ALTECH-MVS-1511 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
More results

Similar Description - MVSMCJLCE90TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
   1500 Watt Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMBJ-LC5.0A SUNMATE-SMBJ-LC5.0A Datasheet
748Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com