Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1208I Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS1208I
Description  2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1208I Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS1208I Datasheet HTML 7Page - Burr-Brown (TI) ADS1208I Datasheet HTML 8Page - Burr-Brown (TI) ADS1208I Datasheet HTML 9Page - Burr-Brown (TI) ADS1208I Datasheet HTML 10Page - Burr-Brown (TI) ADS1208I Datasheet HTML 11Page - Burr-Brown (TI) ADS1208I Datasheet HTML 12Page - Burr-Brown (TI) ADS1208I Datasheet HTML 13Page - Burr-Brown (TI) ADS1208I Datasheet HTML 14Page - Burr-Brown (TI) ADS1208I Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
Temperature (
_C)
0
−40
+80
+60
+40
−20
+20
105
100
95
90
85
80
SFDR
THD
−105
−100
−95
−90
−85
−80
Temperature (
_C)
0
−40
+80
+60
+40
−20
+20
105
100
95
90
85
80
SFDR
THD
−105
−100
−95
−90
−85
−80
f
SIG (kHz)
0
5
15
10
20
105
100
95
90
85
80
SFDR
THD
−105
−100
−95
−90
−85
−80
f
SIG (kHz)
0
5
15
10
20
105
100
95
90
85
80
SFDR
THD
−105
−100
−95
−90
−85
−80
ADS1208
SBAS348A – MARCH 2005 – REVISED MARCH 2005
TYPICAL CHARACTERISTICS (continued)
At 25°C, AV
DD = BVDD = +5V, VREF = internal +2.5V, Mode 3, MCLK input = 20MHz, differential input voltage = 200mVPP,
common-mode voltage = 1.4V, and 16-bit Sinc3 filter with OSR = 256, unless otherwise noted.
SPURIOUS-FREE DYNAMIC RANGE AND
SPURIOUS-FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTION vs
TOTAL HARMONIC DISTORTION vs
FREQUENCY (Mode 1)
TEMPERATURE (Mode 3)
Figure 16.
Figure 17.
SPURIOUS-FREE DYNAMIC RANGE AND
SPURIOUS-FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTION vs
TOTAL HARMONIC DISTORTION vs
FREQUENCY (Mode 1)
TEMPERATURE (Mode 3)
Figure 18.
Figure 19.
11


Similar Part No. - ADS1208I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1208IPW TI1-ADS1208IPW Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1208IPW TI1-ADS1208IPW Datasheet
426Kb / 25P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1208IPWG4 TI1-ADS1208IPWG4 Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1208IPWG4 TI1-ADS1208IPWG4 Datasheet
426Kb / 25P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1208IPWR TI1-ADS1208IPWR Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
More results

Similar Description - ADS1208I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1208 TI1-ADS1208_14 Datasheet
426Kb / 25P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1208 TI1-ADS1208 Datasheet
309Kb / 23P
[Old version datasheet]   2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
logo
Burr-Brown (TI)
AMC1210 BURR-BROWN-AMC1210 Datasheet
999Kb / 47P
   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
logo
Texas Instruments
AMC1210 TI1-AMC1210_14 Datasheet
1Mb / 54P
[Old version datasheet]   Quad Digital Filter for 2nd-Order Delta-Sigma Modulator
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com