Electronic Components Datasheet Search |
|
5082-561Y-LL400 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
5082-561Y-LL400 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard) |
7 / 10 page 7 AlGaAs Device Series HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions 301/303A Luminous Intensity/Segment IV 0.320 0.505 mcd IF = 1 mA (Digit Average) Forward Voltage/Segment VF 1.80 2.20 V IF = 20 mA or DP Peak Wavelength λPEAK 660 nm IF = 20 mA Dominant Wavelength λd 643 nm IF = 20 mA Reverse Current IR 100 µAVR = 5 V Thermal Resistance LED R θJ–PIN 351.5 ˚C/W/Seg. Junction-to-Pin Yellow Device Series HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions 561/563Y Luminous Intensity/Segment IV 2.00 3.526 mcd IF = 10 mA (Digit Average) Forward Voltage/Segment VF 2.15 2.50 V IF = 20 mA or DP Peak Wavelength λPEAK 589 nm IF = 20 mA Dominant Wavelength λd 590 nm IF = 20 mA Reverse Current IR 100 µAVR = 5 V Thermal Resistance LED R θJ–PIN 351.5 ˚C/W/Seg. Junction-to-Pin Notes: 1. Typical specification for reference only. Do not exceed absolute maximum ratings. 2. The dominant wavelength, λ, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device. AlGaAs Device Series HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions 561/563A Luminous Intensity/Segment IV 0.506 0.878 mcd IF = 1 mA (Digit Average) Forward Voltage/Segment VF 1.80 2.20 V IF = 20 mA or DP Peak Wavelength λPEAK 660 nm IF = 20 mA Dominant Wavelength λd 643 nm IF = 20 mA Reverse Current IR 100 µAVR = 5 V Thermal Resistance LED R θJ–PIN 351.5 ˚C/W/Seg. Junction-to-Pin Notes: 1. Typical specification for reference only. Do not exceed absolute maximum ratings. 2. The dominant wavelength, λ, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device. |
Similar Part No. - 5082-561Y-LL400 |
|
Similar Description - 5082-561Y-LL400 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |