Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF-AB36RD Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BF-AB36RD
Description  SINGLE DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BF-AB36RD Datasheet(HTML) 1 Page - Yellow Stone Corp

  BF-AB36RD Datasheet HTML 1Page - Yellow Stone Corp BF-AB36RD Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BS-AB31RD
BS-CB31RD
GaAsP/Red
655
40 160
40
200 3.4
4.0
2.5
BS-AB35RD
BS-CB35RD
BS-AB35RE
BS-CB35RE
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
3.5
BS-AB32RD
BS-CB32RD
GaP/ Green
568
30 160
30
150 4.4
5.0
5.0
BS-AB33RD
BS-CB33RD
GaAsP/GaP/ Yellow
585
35 160
30
150 4.2
5.0
4.0
GaAsP/GaP/ Hi-Eff.Red
BS-AB34RD
BS-CB34RD
GaAsP/GaP/ Orange
635
45 160
30
150 4.0
5.0
5.0
BS-AB36RD
BS-CB36RD
GaAlAs/ SH Super Red
660
20 160
30
150 3.4
5.0
10.0
1.50"
Single-Digit
BS-AB3FRD
BS-CB3FRD
GaAlAs/ DDH Super Red
660
20 160
30
150 4.0
5.0
15.0
SD-49
BF-AB31RD
BF-CB31RD
GaAsP/Red
655
40 160
40
200 3.4
4.0
2.5
BF-AB35RD
BF-CB35RD
BF-AB35RE
BF-CB35RE
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
3.5
BF-AB32RD
BF-CB32RD
GaP/ Green
568
30 160
30
150 4.4
5.0
5.0
BF-AB33RD
FS-CB33RD
GaAsP/GaP/ Yellow
585
35 160
30
150 4.2
5.0
4.0
GaAsP/GaP/ Hi-Eff.Red
BF-AB34RD
BF-CB34RD
GaAsP/GaP/ Orange
635
45 160
30
150 4.0
5.0
5.0
BF-AB36RD
BF-CB36RD
GaAlAs/ SH Super Red
660
20 160
30
150 3.4
5.0
10.0
1.50"
Overflow
Single-Digit
BF-AB3FRD
BF-CB3FRD
GaAlAs/ DDH Super Red
660
20 160
30
150 4.0
5.0
15.0
SD-50
BS-AB41RD
BS-CB41RD
GaAsP/Red
655
40 160
40
200 3.4
4.0
2.5
BS-AB45RD
BS-CB45RD
BS-AB45RE
BS-CB45RE
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
3.5
BS-AB42RD
BS-CB42RD
GaP/ Green
568
30 160
30
150 4.4
5.0
5.0
BS-AB43RD
BS-CB43RD
GaAsP/GaP/ Yellow
585
35 160
30
150 4.2
5.0
4.0
GaAsP/GaP/ Hi-Eff.Red
BS-AB44RD
BS-CB44RD
GaAsP/GaP/ Orange
635
45 160
30
150 4.0
5.0
5.0
BS-AB46RD
BS-CB46RD
GaAlAs/ SH Super Red
660
20 160
30
150 3.4
5.0
10.0
BS-AB4FRD
BS-CB4FRD
GaAlAs/ DDH Super Red
660
20 160
30
150 4.0
5.0
15.0
SD-51
BS-AB51RD
BS-CB51RD
GaAsP/Red
655
40 160
40
200 3.4
4.0
2.5
BS-AB55RD
BS-CB55RD
BS-AB55RE
BS-CB55RE
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
3.5
BS-AB52RD
BS-CB52RD
GaP/ Green
568
30 160
30
150 4.4
5.0
5.0
BS-AB53RD
BS-CB53RD
GaAsP/GaP/ Yellow
585
35 160
30
150 4.2
5.0
4.0
GaAsP/GaP/ Hi-Eff.Red
BS-AB54RD
BS-CB54RD
GaAsP/GaP/ Orange
635
45 160
30
150 4.0
5.0
5.0
BS-AB56RD
BS-CB56RD
GaAlAs/ SH Super Red
660
20 160
30
150 3.4
5.0
10.0
1.50"
Single-Digit
BS-AB5FRD
BS-CB5FRD
GaAlAs/ DDH Super Red
660
20 160
30
150 4.0
5.0
15.0
SD-52
BS-AB01RD
BS-CB01RD
GaAsP/Red
655
40 240
40
200 5.1
6.0
4.5
BS-AB05RD
BS-CB05RD
BS-AB05RE
BS-CB05RE
GaP/ Bright Red
700
90 120
15
50
6.6
7.5
5.5
BS-AB02RD
BS-CB02RD
GaP/ Green
568
30 240
30
150 6.6
7.5
7.0
BS-AB03RD
BS-CB03RD
GaAsP/GaP/ Yellow
585
35 240
30
150 6.3
7.5
6.0
GaAsP/GaP/ Hi-Eff.Red
BS-AB04RD
BS-CB04RD
GaAsP/GaP/ Orange
635
45 240
30
150 6.0
7.5
7.0
BS-AB06RD
BS-CB06RD
GaAlAs/ SH Super Red
660
20 240
30
150 5.1
7.5
12.0
1.80"
Single-Digit
BS-AB0FRD
BS-CB0FRD
GaAlAs/ DDH Super Red
660
20 240
30
150 6.0
7.5
17.0
SD-53
BF-AB01RD
BF-CB01RD
GaAsP/Red
655
40 240
40
200 5.1
6.0
4.5
BF-AB05RD
BF-CB05RD
BF-AB05RE
BF-CB05RE
GaP/ Bright Red
700
90 120
15
50
6.6
7.5
5.5
BF-AB02RD
BF-CB02RD
GaP/ Green
568
30 240
30
150 6.6
7.5
7.0
BF-AB03RD
BF-CB03RD
GaAsP/GaP/ Yellow
585
35 240
30
150 6.3
7.5
6.0
GaAsP/GaP/ Hi-Eff.Red
BF-AB04RD
BF-CB04RD
GaAsP/GaP/ Orange
635
45 240
30
150 6.0
7.5
7.0
BF-AB06RD
BF-CB06RD
GaAlAs/ SH Super Red
660
20 240
30
150 5.1
7.5
12.0
1.80"
Overflow
Single-Digit
BF-AB0FRD
BF-CB0FRD
GaAlAs/ DDH Super Red
660
20 240
30
150 6.0
7.5
17.0
SD-54
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BF-AB36RD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BF-A322RD YSTONE-BF-A322RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BF-A323RD YSTONE-BF-A323RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BF-A324RD YSTONE-BF-A324RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BF-A325RD YSTONE-BF-A325RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results

Similar Description - BF-AB36RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-A411RD ETC-BS-A411RD Datasheet
183Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-A831RD ETC1-BS-A831RD Datasheet
260Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com