Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

173D336X0006W Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 173D336X0006W
Description  Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

173D336X0006W Datasheet(HTML) 5 Page - Vishay Siliconix

  173D336X0006W Datasheet HTML 1Page - Vishay Siliconix 173D336X0006W Datasheet HTML 2Page - Vishay Siliconix 173D336X0006W Datasheet HTML 3Page - Vishay Siliconix 173D336X0006W Datasheet HTML 4Page - Vishay Siliconix 173D336X0006W Datasheet HTML 5Page - Vishay Siliconix 173D336X0006W Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
91
173D
Vishay Sprague
Document Number: 40019
Revision 13-Jun-02
For technical questions, contact tantalum@vishay.com
*Part number should include "X5" for
± 5% units (special order).
STANDARD RATINGS
CAPACITANCE
(
µF)
35 WVDC @ + 85
°C, SURGE = 46 V . . . 23 WVDC @ + 125°C, SURGE = 28 V
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
CASE
CODE
PART NUMBER*
CAP. TOL.
± 20%
PART NUMBER*
CAP. TOL.
± 10%
MAX. DCL
@ + 25
°C
(
µA)
MAX. DF
@ + 25
°C
120 Hz
(%)
3
3
3
3
3
3
3
3
3
3
3
3
3
3
4
4
4
4
4
4
4
4
4
4
6
6
6
6
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.7
0.9
1.1
1.3
1.6
1.9
2.2
2.7
3.2
4.0
5.0
6.0
6.0
173D104X9050U
173D124X9050U
173D154X9050U
173D184X9050U
173D224X9050U
173D274X9050U
173D334X9050V
173D394X9050V
173D474X9050V
173D564X9050V
173D684X9050V
173D824X9050V
173D105X9050V
173D125X9050W
173D155X9050W
173D185X9050W
173D225X9050W
173D275X9050X
173D335X9050X
173D395X9050X
173D475X9050X
173D565X9050Y
173D685X9050Y
173D825X9050Y
173D106X9050Y
173D126X9050Y
173D156X9050Y
173D186X9050Y
173D104X0050U
173D154X0050U
173D224X0050U
173D334X0050V
173D474X0050V
173D684X0050V
173D105X0050V
173D155X0050W
173D225X0050W
173D335X0050X
173D475X0050X
173D685X0050Y
173D106X0050Y
173D156X0050Y
U
U
U
U
U
U
V
V
V
V
V
V
V
W
W
W
W
X
X
X
X
Y
Y
Y
Y
Y
Y
Y
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
50 WVDC @ + 85
°C, SURGE = 65 V . . . 33 WVDC @ + 125°C, SURGE = 40 V
Y
Y
Y
Y
Y
Y
Y
Y
173D156X0035Y
173D226X0035Y
173D336X0035Y
173D476X0035Y
173D126X9035Y
173D156X9035Y
173D186X9035Y
173D226X9035Y
173D276X9035Y
173D336X9035Y
173D396X9035Y
173D476X9035Y
3.3
4.2
5.0
6.2
7.5
9.2
10.0
10.0
4
6
6
6
6
6
6
6
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
4
4
4
4
4
4
4
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.8
0.9
1.1
1.3
1.6
1.9
2.3
2.8
U
U
U
U
U
U
U
U
U
V
V
V
V
V
V
W
W
W
W
W
W
X
X
X
X
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
173D104X0035U
173D154X0035U
173D224X0035U
173D334X0035U
173D474X0035U
173D684X0035V
173D105X0035V
173D155X0035V
173D225X0035V
173D335X0035W
173D475X0035W
173D685X0035X
173D106X0035X
173D104X9035U
173D124X9035U
173D154X9035U
173D184X9035U
173D224X9035U
173D274X9035U
173D334X9035U
173D394X9035U
173D474X9035U
173D564X9035V
173D684X9035V
173D824X9035V
173D105X9035V
173D125X9035V
173D155X9035V
173D185X9035W
173D225X9035V
173D275X9035W
173D335X9035W
173D395X9035W
173D475X9035W
173D565X9035X
173D685X9035X
173D825X9035X
173D106X9035X
35 WVDC @ + 85
°C, SURGE = 46 V . . . 23 WVDC @ + 125°C, SURGE = 28 V
Solid-Electrolyte TANTALEX
® Capacitors,
Axial-Leaded, Molded-Case


Similar Part No. - 173D336X0006W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D336(1)002V(2)(3) VISHAY-173D336(1)002V(2)(3) Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
173D336(1)004W(2)(3) VISHAY-173D336(1)004W(2)(3) Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
173D3361002V23 VISHAY-173D3361002V23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D3361004W23 VISHAY-173D3361004W23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D3361006W23 VISHAY-173D3361006W23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
More results

Similar Description - 173D336X0006W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
173D104X9035UWE3 VISHAY-173D104X9035UWE3 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com