Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3201D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201D
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201D Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS3201D Datasheet HTML 3Page - Texas Instruments THS3201D Datasheet HTML 4Page - Texas Instruments THS3201D Datasheet HTML 5Page - Texas Instruments THS3201D Datasheet HTML 6Page - Texas Instruments THS3201D Datasheet HTML 7Page - Texas Instruments THS3201D Datasheet HTML 8Page - Texas Instruments THS3201D Datasheet HTML 9Page - Texas Instruments THS3201D Datasheet HTML 10Page - Texas Instruments THS3201D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
7
TYPICAL CHARACTERISTICS
Table of Graphs (VS = ±7.5 V)
FIGURE
Noninverting small signal frequency response
1, 2
Inverting small signal frequency response
3
Noninverting large signal frequency response
4
Inverting large signal frequency response
5
0.1 dB gain flatness frequency response
6
Capacitive load frequency response
7
Recommended switching resistance
vs Capacitive Load
8
2nd harmonic distortion
vs Frequency
9
3rd harmonic distortion
vs Frequency
10
Harmonic distortion
vs Output voltage swing
11, 12
Third-order intermodulation distortion (IMD3)
vs Frequency
13
Third-order output intercept point (OIP3)
vs Frequency
14
S − Parameter
vs Frequency
15, 16
Input voltage and current noise
vs Frequency
17
Noise figure
vs Frequency
18
Transimpedance
vs Frequency
19
Input offset voltage
vs Case Temperature
20
Input bias and offset current
vs Case Temperature
21
Slew rate
vs Output voltage step
22, 23
Settling time
24, 25
Quiescent current
vs Supply voltage
26
Output voltage
vs Load resistance
27
Rejection ratio
vs Frequency
28
Noninverting small signal transient response
29
Inverting large signal transient response
30
Overdrive recovery time
31
Differential gain
vs Number of loads
32
Differential phase
vs Number of loads
33
Closed-loop output impedance
vs Frequency
34
Table of Graphs (VS = ±5 V)
FIGURE
Noninverting small signal frequency response
35
Inverting small signal frequency response
36
37
2nd harmonic distortion
vs Frequency
38
3rd harmonic distortion
vs Frequency
39
Harmonic distortion
vs Output voltage swing
40, 41
Third-order intermodulation distortion (IMD3)
vs Frequency
42
Third-order output intercept point (OIP3)
vs Frequency
43
S − Parameter
vs Frequency
44, 45
Slew rate
vs Output voltage step
46
Noninverting small signal transient response
47
Inverting large signal transient response
48
Overdrive recovery time
49


Similar Part No. - THS3201D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201D TI1-THS3201D Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201DBVR TI1-THS3201DBVR Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201DBVRG4 TI1-THS3201DBVRG4 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201DBVT TI1-THS3201DBVT Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201DBVTG4 TI1-THS3201DBVTG4 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
More results

Similar Description - THS3201D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com